Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRS10L620CVF Datasheet(PDF) 10 Page - Exar Corporation

Part # XRS10L620CVF
Description  PCI-X to 2-SATA/1-PATA Host Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L620CVF Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRS10L620CVF Datasheet HTML 6Page - Exar Corporation XRS10L620CVF Datasheet HTML 7Page - Exar Corporation XRS10L620CVF Datasheet HTML 8Page - Exar Corporation XRS10L620CVF Datasheet HTML 9Page - Exar Corporation XRS10L620CVF Datasheet HTML 10Page - Exar Corporation XRS10L620CVF Datasheet HTML 11Page - Exar Corporation XRS10L620CVF Datasheet HTML 12Page - Exar Corporation XRS10L620CVF Datasheet HTML 13Page - Exar Corporation XRS10L620CVF Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
XRS10L620 Rev 1.00
9
1/20/2009
DCS0#/RA11
43
O/I ROM address11
DD10/RA12
69
I/O ROM address12
DSA1/RA13
48
O/I ROM address13
DACK#/RA14
50
O/I ROM address14
DD4/RA15
67
I/O ROM address15
DD15/RD0
57
I/O ROM data0
DD0/RD1
58
I/O ROM data1
DD14/RD2
59
I/O ROM data2
DD1/RD3
60
I/O ROM data3
DD13/RD4
62
I/O ROM data4
DD2/RD5
63
I/O ROM data5
DD12/RD6
64
I/O ROM data6
DD3/RD7
65
I/O ROM data7
5.3.5 Miscellaneous :
Pin Name
Pin#
Type Description
LED1#/GIO1
39
I/O SATA channel 1 LED and general IO pin
SDA/GIO2
40
I/O I2C bus signal and general IO pin, internally pull
up
SCL/GIO3
41
I/O I2C bus signal and general IO pin, internally pull
up
DLLEN#
47
I
Internal test only
TESTMODE
29
I
Reserved, connected to GND normally
5.3.6 Power :
Pin Name
Pin#
Type Description
VDD18
36,54,71,79,114
1.8V Digital 1.8V core power
VDD33
4,44,68,90,111
3.3V Digital 3.3V IO power
VDDA4,VDDA3,
VDDA2,VDDA1
17,14,25,18
1.8V Analog 1.8V power supply. Each is connected to
the series ferrite bead for noise suppression.
GND
1,10,34,38,52,61,
73,
84,92,101,109,116
Digital ground, Each pin must have solid
connection with PCB GND plane by at least 2 vias
or other traces with it.
GNDA
13,21,22,26
Analog ground


Similar Part No. - XRS10L620CVF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL EXAR-XRS10L120IL Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL-F EXAR-XRS10L120IL-F Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IV EXAR-XRS10L120IV Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
More results

Similar Description - XRS10L620CVF

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL831A GENESYS-GL831A Datasheet
52Kb / 5P
   SATA / PATA Bridge Controller Product Overview
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620_16 Datasheet
282Kb / 1P
   2 SATA-150, 2 PATA-100 supported
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
GENESYS LOGIC
GL830 GENESYS-GL830_12 Datasheet
118Kb / 5P
   USB 2.0 / PATA / SATA Bridge Controller Product Overview
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
List of Unclassifed Man...
QLA2350 ETC-QLA2350 Datasheet
1Mb / 2P
   2-Gb Fibre Channel to PCI-X Host Bus Adapters
logo
Pericom Semiconductor C...
PI7C9X440SLBFDE PERICOM-PI7C9X440SLBFDE Datasheet
68Kb / 1P
   PCI Express짰 (PCIe짰) to USB짰 2.0 Host Controller
logo
Agere Systems
USS-344 AGERE-USS-344 Datasheet
850Kb / 54P
   USS-344 QuadraBus Four-Host PCI-to-USB OpenHCL Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com