Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRS10L620CVF Datasheet(PDF) 8 Page - Exar Corporation

Part # XRS10L620CVF
Description  PCI-X to 2-SATA/1-PATA Host Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L620CVF Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRS10L620CVF Datasheet HTML 4Page - Exar Corporation XRS10L620CVF Datasheet HTML 5Page - Exar Corporation XRS10L620CVF Datasheet HTML 6Page - Exar Corporation XRS10L620CVF Datasheet HTML 7Page - Exar Corporation XRS10L620CVF Datasheet HTML 8Page - Exar Corporation XRS10L620CVF Datasheet HTML 9Page - Exar Corporation XRS10L620CVF Datasheet HTML 10Page - Exar Corporation XRS10L620CVF Datasheet HTML 11Page - Exar Corporation XRS10L620CVF Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
XRS10L620 Rev 1.00
7
1/20/2009
5.3 Pin Descriptions
5.3.1 PCI interface
Pin Name
Pin#
Type
Description
AD[31:0]
85-89,91,93,94,
97-100,102-105,
118-120,122-126,
128,2,3,5-9
I/O PCI Multiplexed Address and Data
BE[3:0]#
95,106,117,127
I/O PCI Command/Byte Enable
PAR
115
I/O PCI Parity
FRAME#
107
I/O PCI Cycle Frame
TRDY#
110
I/O PCI Target Ready
IRDY#
108
I/O PCI Initiator Ready
STOP#
113
I/O PCI Stop
DEVSEL#
112
I/O PCI Device Select
IDSEL
96
I
PCI Initialization Device Select
INTA#
78
O
PCI Interrupt Request A
PREQ#
83
O
PCI Master Request
PGNT#
82
I
PCI Master Grant
PCLK
81
I
PCI Clock
PRST#
80
I
PCI Reset
M66EN
121
I
PCI 66MHz indication
5.3.2 Serial ATA interface
Pin Name
Pin#
Type
Description
RSVXO
19
O
Reserved for internal test.
OSCI
20
I
External oscillator input.
The clock rate is 25MHz, 1.8V level.
TX0P
28
O
SATA 0 positive output of the differential signal
TX0N
27
O
SATA 0 negative output of the differential signal
RX0N
24
I
SATA 0 positive input of the differential signal
RX0P
23
I
SATA 0 positive input of the differential signal
RX1P
16
I
SATA 1 positive input of the differential signal
RX1N
15
I
SATA 1 positive input of the differential signal
TX1N
12
O
SATA 1 negative output of the differential signal
TX1P
11
O
SATA 1 positive output of the differential signal


Similar Part No. - XRS10L620CVF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL EXAR-XRS10L120IL Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IL-F EXAR-XRS10L120IL-F Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120IV EXAR-XRS10L120IV Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
More results

Similar Description - XRS10L620CVF

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL831A GENESYS-GL831A Datasheet
52Kb / 5P
   SATA / PATA Bridge Controller Product Overview
logo
Silicon image
SII3114 SILICONIMAGE-SII3114 Datasheet
695Kb / 2P
   SATALink PCI-X to 4-Port Host Controller
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620_16 Datasheet
282Kb / 1P
   2 SATA-150, 2 PATA-100 supported
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
GENESYS LOGIC
GL830 GENESYS-GL830_12 Datasheet
118Kb / 5P
   USB 2.0 / PATA / SATA Bridge Controller Product Overview
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
List of Unclassifed Man...
QLA2350 ETC-QLA2350 Datasheet
1Mb / 2P
   2-Gb Fibre Channel to PCI-X Host Bus Adapters
logo
Pericom Semiconductor C...
PI7C9X440SLBFDE PERICOM-PI7C9X440SLBFDE Datasheet
68Kb / 1P
   PCI Express짰 (PCIe짰) to USB짰 2.0 Host Controller
logo
Agere Systems
USS-344 AGERE-USS-344 Datasheet
850Kb / 54P
   USS-344 QuadraBus Four-Host PCI-to-USB OpenHCL Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com