Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R12IB Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 2Page - Exar Corporation XRT75R12IB Datasheet HTML 3Page - Exar Corporation XRT75R12IB Datasheet HTML 4Page - Exar Corporation XRT75R12IB Datasheet HTML 5Page - Exar Corporation XRT75R12IB Datasheet HTML 6Page - Exar Corporation XRT75R12IB Datasheet HTML 7Page - Exar Corporation XRT75R12IB Datasheet HTML 8Page - Exar Corporation XRT75R12IB Datasheet HTML 9Page - Exar Corporation XRT75R12IB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
XRT75R12
3
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
PIN DESCRIPTIONS (BY FUNCTION)
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
P4
TxON
I
Transmit On/Off Input
Upon power up, the transmitters are powered on. Turning the transmitters
On or Off is selected through the microprocessor interface by programming
the appropriate channel register if this pin is pulled "High". If the TxON pin
is pulled "Low", all 12 transmitters are powered off.
NOTE: TxON is ideal for redundancy applications. See the R3 Technology
section of this datasheet for more details. Internally pulled "High".
F22
AA22
H22
Y23
G26
AA25
G1
AA2
H5
Y4
F5
AA5
TxCLK0
TxCLK1
TxCLK2
TxCLK3
TxCLK4
TxCLK5
TxCLK6
TxCLK7
TxCLK8
TxCLK9
TxCLK10
TxCLK11
I
Transmit Clock Input
These input pins have three functions:
They function as the timing source for the Transmit Section of the
corresponding channel within the XRT75R12.
They are used by the Transmit Section of the LIU IC to sample the
corresponding TxPOS_n and TxNEG_n input pins.
They are used to clock the PRBS generator
NOTE: The user is expected to supply a 44.736MHz ± 20ppm clock signal
(for DS3 applications), 34.368MHz ± 20 ppm clock signal (for E3
applications) or a 51.84MHz ± 4.6ppm clock signal (for STS-1,
Stratum 3E or better applications).
E23
AB24
J22
AA23
G25
AA26
G2
AA1
J5
AA4
E4
AB3
TxPOS0
TxPOS1
TxPOS2
TxPOS3
TxPOS4
TxPOS5
TxPOS6
TxPOS7
TxPOS8
TxPOS9
TxPOS10
TxPOS11
I
Transmit Positive Data Input
The function of these digitial input pins depends upon whether the corre-
sponding channel has been configured to operate in the Single-Rail or
Dual-Rail Mode.
Single Rail Mode - Transmit Data Input
Operating in the Single-Rail Mode; all transmit input data will be serially
applied to this input pin. This signal will be latched into the Transmit Sec-
tion circuitry on the active edge of the TxCLK_n signal.
The Transmit Section of the LIU IC will then encode this data into either the
B3ZS line code (for DS3 and STS-1 applications) or the HDB3 line code
(for E3 applications).
Dual Rail Mode - Transmit Positive Data Input
In the Dual-Rail Mode, the user should apply a pulse to this input pin when
a positive-polarity pulse is to be transmitted onto the line. This signal will
be latched into the Transmit Section circuitry upon the active edge of the
TxCLK_n signal,.
The Transmit Section of the LIU IC will NOT encode this data into either the
B3ZS or HDB3 line codes. If the user configures the LIU IC to operate in
the Dual-Rail Mode, B3ZS/HDB3 encoding must have already been done
prior to this input.


Similar Part No. - XRT75R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12IB EXAR-XRT75R12IB Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12IB EXAR-XRT75R12IB Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12IB-L EXAR-XRT75R12IB-L Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12IBL EXAR-XRT75R12IBL Datasheet
171Kb / 2P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRT75R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com