Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VL38 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT83VL38
Description  OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VL38 Datasheet(HTML) 5 Page - Exar Corporation

  XRT83VL38 Datasheet HTML 1Page - Exar Corporation XRT83VL38 Datasheet HTML 2Page - Exar Corporation XRT83VL38 Datasheet HTML 3Page - Exar Corporation XRT83VL38 Datasheet HTML 4Page - Exar Corporation XRT83VL38 Datasheet HTML 5Page - Exar Corporation XRT83VL38 Datasheet HTML 6Page - Exar Corporation XRT83VL38 Datasheet HTML 7Page - Exar Corporation XRT83VL38 Datasheet HTML 8Page - Exar Corporation XRT83VL38 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
XRT83VL38
I
REV. 1.0.0
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
GENERAL DESCRIPTION 1
Applications 1
Block Diagram of the XRT83VL38 T1/E1/J1 LIU (Host Mode) 1
Block Diagram of the XRT83VL38 T1/E1/J1 LIU (Hardware Mode) 2
Features 2
Ordering Information 3
Package Pin Out 4
PIN DESCRIPTION BY FUNCTION 5
Receive Sections 5
Transmitter Sections 7
Microprocessor Interface 11
jitter Attenuator 14
Clock Synthesizer 14
Alarm Functions/Redundancy Support 16
Power and Ground 19
FUNCTIONAL DESCRIPTION 22
Master Clock Generator 22
Two Input Clock Source 22
One Input Clock Source 22
Master Clock Generator 23
23
RECEIVER 23
Receiver Input 23
Receive Monitor Mode 24
Receiver Loss of Signal (RLOS) 24
Simplified Diagram of -15dB T1/E1 Short Haul Mode and RLOS Condition 24
Simplified Diagram of -29dB T1/E1 Gain Mode and RLOS Condition 25
Simplified Diagram of -36dB T1/E1 Long Haul Mode and RLOS Condition 25
Simplified Diagram of Extended RLOS mode (E1 Only) 26
Receive HDB3/B8ZS Decoder 26
Recovered Clock (RCLK) Sampling Edge 26
Receive Clock and Output Data Timing 27
Jitter Attenuator 27
Gapped Clock (JA Must be Enabled in the Transmit Path) 27
Maximum Gap Width for Multiplexer/Mapper Applications 27
Arbitrary Pulse Generator for T1 and e1 28
Arbitrary Pulse Segment Assignment 28
TRANSMITTER 28
Digital Data Format 28
Transmit Clock (TCLK) Sampling Edge 28
Transmit Clock and Input Data Timing 29
Transmit HDB3/B8ZS Encoder 29
Examples of HDB3 Encoding 29
Examples of B8ZS Encoding 29
29
Driver Failure Monitor (DMO) 30
Transmit Pulse Shaper & Line Build Out (LBO) circuit 30


Similar Part No. - XRT83VL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28IB EXAR-XRT83VSH28IB Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314 EXAR-XRT83VSH314 Datasheet
1Mb / 80P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314IB EXAR-XRT83VSH314IB Datasheet
1Mb / 80P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83VL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com