Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VL38IB Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83VL38IB
Description  OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VL38IB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83VL38IB Datasheet HTML 7Page - Exar Corporation XRT83VL38IB Datasheet HTML 8Page - Exar Corporation XRT83VL38IB Datasheet HTML 9Page - Exar Corporation XRT83VL38IB Datasheet HTML 10Page - Exar Corporation XRT83VL38IB Datasheet HTML 11Page - Exar Corporation XRT83VL38IB Datasheet HTML 12Page - Exar Corporation XRT83VL38IB Datasheet HTML 13Page - Exar Corporation XRT83VL38IB Datasheet HTML 14Page - Exar Corporation XRT83VL38IB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
XRT83VL38
7
REV. 1.0.0
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TRANSMITTER SECTIONS
RXRES1
RXRES0
R10
V10
I
Receive External Resistor Control Pins - Hardware mode
Receive External Resistor Control Pin 1:
Receive External Resistor Control Pin 0:
These pins determine the value of the external Receive fixed resistor according to the
following table:
NOTE: These pins are internally pulled “Low” with a 50k
 resistor.
RCLKE
µPTS1
J16
J16
I
Receive Clock Edge - Hardware mode
Set this pin “High” to sample RPOS_N/RNEG_n on the falling edge of RCLK_n. With
this pin tied “Low”, output data are updated on the rising edge of RCLK_n.
Microprocessor Type Select Input pin 1 - Host mode
This pin along with µPTS2 (pin 128) is used to select the microprocessor type.
SEE”MICROPROCESSOR TYPE SELECT INPUT PINS - HOST MODE:”
ON PAGE 12.
NOTE: This pin is internally pulled “Low” with a 50k
 resistor.
SIGNAL NAME
LEAD #
TYPE
DESCRIPTION
TCLKE
µPTS2
L15
L15
I
Transmit Clock Edge - Hardware mode
Set this pin “High” to sample transmit input data on the rising edge of TCLK_n. With
this pin tied “Low”, input data are sampled on the falling edge of TCLK_n.
Microprocessor Type Select Input pin 2 - Host mode
This pin along with µPTS1 (pin 133) selects the microprocessor type.
SEE”MICRO-
PROCESSOR TYPE SELECT INPUT PINS - HOST MODE:” ON PAGE 12.
NOTE: This pin is internally pulled “Low” with a 50k
 resistor.
TTIP_0
TTIP_1
TTIP_2
TTIP_3
TTIP_4
TTIP_5
TTIP_6
TTIP_7
E3
G4
F17
C16
R2
N2
N16
P16
O
Transmitter Tip Output for Channel _0
Positive differential transmit output to the line.
Transmitter Tip Output for Channel _1
Transmitter Tip Output for Channel _2
Transmitter Tip Output for Channel _3
Transmitter Tip Output for Channel _4
Transmitter Tip Output for Channel _5
Transmitter Tip Output for Channel _6
Transmitter Tip Output for Channel _7
SIGNAL NAME
LEAD #TYPE
DESCRIPTION
RXRES1
0
0
Required Fixed External
RX Resistor
No External Fixed Resistor
240
RXRES0
0
1
1
1
210
150
0
1


Similar Part No. - XRT83VL38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28IB EXAR-XRT83VSH28IB Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314 EXAR-XRT83VSH314 Datasheet
1Mb / 80P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314IB EXAR-XRT83VSH314IB Datasheet
1Mb / 80P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83VL38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com