Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH316 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83VSH316
Description  16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH316 Datasheet(HTML) 1 Page - Exar Corporation

  XRT83VSH316 Datasheet HTML 1Page - Exar Corporation XRT83VSH316 Datasheet HTML 2Page - Exar Corporation XRT83VSH316 Datasheet HTML 3Page - Exar Corporation XRT83VSH316 Datasheet HTML 4Page - Exar Corporation XRT83VSH316 Datasheet HTML 5Page - Exar Corporation XRT83VSH316 Datasheet HTML 6Page - Exar Corporation XRT83VSH316 Datasheet HTML 7Page - Exar Corporation XRT83VSH316 Datasheet HTML 8Page - Exar Corporation XRT83VSH316 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT83VSH316
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
OCTOBER 2007
REV. 1.0.0
GENERAL DESCRIPTION
The XRT83VSH316 is a fully integrated 16-channel
short-haul line interface unit (LIU) that operates from
a 1.8V Inner Core and 3.3V I/O power supplies.
Using internal termination, the LIU provides one bill of
materials to operate in T1, E1, or J1 mode
independently on a per channel basis with minimum
external
components.
The
LIU
features
are
programmed
through
a
standard
parallel
microprocessor interface or SPI (Serial Mode).
EXAR’s LIU has patented high impedance circuits
that allow the transmitter outputs and receiver inputs
to be high impedance when experiencing a power
failure or when the LIU is powered off. Key design
features
within
the
LIU
optimize
1:1
or
1+1
redundancy and non-intrusive monitoring applications
to ensure reliability without using relays.
The on-chip clock synthesizer generates T1/E1/J1
clock rates from a selectable external clock frequency
and has five output clock references that can be used
for external timing (8kHz, 1.544Mhz, 2.048Mhz,
nxT1/J1, nxE1).
Additional features include System Side LOS, AIS,
QRSS/PRBS and Line Side RLOS, AIS, QRSS/
PRBS, DMO with 16-bit LCV counters and diagnostic
loopback modes for each channel.
APPLICATIONS
T1 Digital Cross Connects (DSX-1)
ISDN Primary Rate Interface
CSU/DSU E1/T1/J1 Interface
T1/E1/J1 LAN/WAN Routers
Public Switching Systems and PBX Interfaces
T1/E1/J1 Multiplexer and Channel Banks
Integrated Multi-Service Access Platforms (IMAPs)
Integrated Access Devices (IADs)
Inverse Multiplexing for ATM (IMA)
Wireless Base Stations
FIGURE 1. BLOCK DIAGRAM OF THE XRT83VSH316
B8ZS/ HDB3
Decoder
32-bit/64-bit
Jitter Attenuator
Clock & Data
Recovery( CDR)
Peak Detector
& Slicer
System Generator
SAIS, SLOS, SPRBS
Line Detector
AIS, RLOS,
LCV
RNEG/ LCV
RPOS
RCLK
RTIP
RRING
B8ZS/ HDB3
Encoder
32-bit/64-bit
Jitter Attenuator
Timing
Control
Tx Pulse Shaper
Line Driver
Analog
Loop Back
Digital
Loop Back
MUX
DMO
Remote
Loop Back
System Detector
SAIS, SLOS, SPRBS
Line Generator
PRBS
TPOS
TNEG
TCLK
TTIP
TRING
AIS
JTAG
Test
PLL
Parallel
Microprocessor
SPI
Microprocessor
Channel N of16
RLOS
DMO
SLOS
TxON
RxTSEL
RxON
MCLKnOUT
PRBS


Similar Part No. - XRT83VSH316

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB EXAR-XRT83VSH316IB Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB-F EXAR-XRT83VSH316IB-F Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IBF EXAR-XRT83VSH316IBF Datasheet
169Kb / 2P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRT83VSH316

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com