Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH221 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT86SH221
Description  SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
Download  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH221 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT86SH221_08 Datasheet HTML 6Page - Exar Corporation XRT86SH221_08 Datasheet HTML 7Page - Exar Corporation XRT86SH221_08 Datasheet HTML 8Page - Exar Corporation XRT86SH221_08 Datasheet HTML 9Page - Exar Corporation XRT86SH221_08 Datasheet HTML 10Page - Exar Corporation XRT86SH221_08 Datasheet HTML 11Page - Exar Corporation XRT86SH221_08 Datasheet HTML 12Page - Exar Corporation XRT86SH221_08 Datasheet HTML 13Page - Exar Corporation XRT86SH221_08 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 357 page
background image
XRT86SH221
VII
SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
REV. 1.0.1
TABLE 242: CHANNEL CONTROL - VT-DEMAPPER REI-V EVENT COUNT REGISTER 0 (VTDREIECR0 = 0XND4F) ........................ 264
TABLE 243: CHANNEL CONTROL - VT-DEMAPPER RECEIVE APS REGISTER 1 (VTDRAPSR1 = 0XND52) .................................... 265
TABLE 244: CHANNEL CONTROL - VT-DEMAPPER RECEIVE APS REGISTER 0 (VTDRAPSR0 = 0XND53) .................................... 267
TABLE 245: CHANNEL CONTROL - VT-MAPPER TRANSMIT APS REGISTER 1 (VTMTAPSR1 = 0XND56) ....................................... 269
TABLE 246: CHANNEL CONTROL - VT-MAPPER TRANSMIT APS/K4 REGISTER 0 (VTMTAPSR0 = 0XND57) .................................. 270
TABLE 247: CHANNEL CONTROL - VT-DEMAPPER TANDEM CONNECTION - RECEIVE BIP-2 ERROR COUNT REGISTER 2 (VTDTCBIP2ECR
= 0XND59) ................................................................................................................................................................. 270
TABLE 248: CHANNEL CONTROL - VT-DEMAPPER TANDEM CONNECTION - RECEIVE REI-V EVENT COUNT REGISTER 1 (VTDTCREIECR
= 0XND5B) ................................................................................................................................................................. 270
TABLE 249: CHANNEL CONTROL - VT-DEMAPPER TANDEM CONNECTION - RECEIVE OEI EVENT COUNT REGISTER 0 (VTDTCOEIECR =
0XND5F) .................................................................................................................................................................... 271
TABLE 250: CHANNEL CONTROL - VT-DEMAPPER INTERRUPT STATUS REGISTER 1 (VTDCSR1 = 0XND60) ................................. 271
TABLE 251: CHANNEL CONTROL - VT-DEMAPPER INTERRUPT STATUS REGISTER 0 (VTDCSR0 = 0XND61) ................................. 272
TABLE 252: CHANNEL CONTROL - VT-DEMAPPER TANDEM CONNECTION STATUS REGISTER
(VTDTCSR = 0XND62) 274
TABLE 253: CHANNEL CONTROL - VT-DEMAPPER J2 BYTE STATUS REGISTER (VTDJ2BSR = 0XND63) ...................................... 276
TABLE 254: CHANNEL CONTROL - VT-DEMAPPER INTERRUPT STATUS REGISTER 1 (VTDCSR1 = 0XND64) ................................. 277
TABLE 255: CHANNEL CONTROL - VT-DEMAPPER INTERRUPT STATUS REGISTER 0 (VTDCSR0 = 0XND65) ................................. 278
TABLE 256: CHANNEL CONTROL - VT-DEMAPPER TANDEM CONNECTION INTERRUPT STATUS REGISTER (VTDTCISR = 0XND66) 280
TABLE 257: CHANNEL CONTROL - VT-DEMAPPER INTERRUPT STATUS REGISTER 0 (VTDISR0 = 0XND67) ................................... 282
TABLE 258: CHANNEL CONTROL - VT-DEMAPPER INTERRUPT ENABLE REGISTER 2 (VTDIER2 = 0XND68) ................................... 283
TABLE 259: CHANNEL CONTROL - VT-DE-MAPPER INTERRUPT ENABLE REGISTER 1 (VTDIER1 = 0XND69) ................................. 284
TABLE 260: CHANNEL CONTROL - VT-DE-MAPPER TANDEM CONNECTION INTERRUPT ENABLE REGISTER (VTDTCIER = 0XND6A) 286
TABLE 261: CHANNEL CONTROL - VT-DE-MAPPER INTERRUPT ENABLE REGISTER 0 (VTDIER0 = 0XND6B) ................................. 288
TABLE 262: CHANNEL CONTROL - VT-DE-MAPPER PATH TRACE BUFFER CONTROL REGISTER (VTDPTBCR = 0XND71) .............. 289
TABLE 263: CHANNEL CONTROL - VT-DE-MAPPER AUTO AIS CONTROL REGISTER 1 (VTDAAISCR1 = 0XND72) ......................... 291
TABLE 264: CHANNEL CONTROL - VT-DE-MAPPER AUTO AIS CONTROL REGISTER 0 (VTDAAISCR0 = 0XND73) ......................... 293
TABLE 265: CHANNEL CONTROL - VT-MAPPER TRANSMIT J2 BYTE VALUE REGISTER (VTMJ2VR = 0XND76) ............................... 296
TABLE 266: CHANNEL CONTROL - VT-MAPPER TRANSMIT N2 BYTE VALUE REGISTER (VTMN2VR = 0XND77) ............................. 296
TABLE 267: CHANNEL CONTROL - VT-MAPPER TRANSMIT PATH TRACE MESSAGE CONTROL REGISTER (VTMPTMCR = 0XND79) 297
TABLE 268: CHANNEL CONTROL - VT-MAPPER TRANSMIT N2 CONTROL REGISTER (VTMN2CR = 0XND7B) ................................. 299
TABLE 269: CHANNEL CONTROL - VT-MAPPER TRANSMIT TANDEM CONNECTION RDI-V CONTROL REGISTER 1 (VTMTCRDICR1 =
0XND7E) .................................................................................................................................................................... 300
TABLE 270: CHANNEL CONTROL - VT-MAPPER TRANSMIT TANDEM CONNECTION RDI-V CONTROL REGISTER 0 (VTMTCRDICR0 =
0XND7F) .................................................................................................................................................................... 301
TABLE 271: CHANNEL CONTROL - VT-MAPPER TRANSMIT TANDEM CONNECTION ODI-V CONTROL REGISTER 1 (VTMTCODICR1 =
0XND82) .................................................................................................................................................................... 303
TABLE 272: CHANNEL CONTROL - VT-MAPPER TRANSMIT TANDEM CONNECTION ODI-V CONTROL REGISTER 0 (VTMTCODICR0 =
0XND83) .................................................................................................................................................................... 304
TABLE 273: CHANNEL CONTROL - VT-MAPPER TRANSMIT RDI-V CONTROL REGISTER 3 (VTMRDICR3 = 0XND84) ..................... 306
TABLE 274: CHANNEL CONTROL - VT-MAPPER TRANSMIT RDI-V CONTROL REGISTER 2 (VTMRDICR2 = 0XND85) ..................... 307
TABLE 275: CHANNEL CONTROL - VT-MAPPER TRANSMIT RDI-V CONTROL REGISTER 1 (VTMRDICR1 = 0XND86) ..................... 308
TABLE 276: CHANNEL CONTROL - VT-MAPPER TRANSMIT RDI-V CONTROL REGISTER 0 (VTMRDICR0 = 0XND87) ..................... 309
TABLE 277: RECEIVE J2 TRACE IDENTIFIER MESSAGE MEMORY BUFFER
(VTDJ2MEM00 = 0X1E00 -
VTDJ2MEM3F = 0X1E3F) ......................................................................................................................................... 310
TABLE 278: RECEIVE N2 ACCESS POINT IDENTIFIER MESSAGE MEMORY BUFFER
(VTDN2MEM20 = 0XNE20
- VTDN2MEM2F = 0XNE2F) ...................................................................................................................................... 310
TABLE 279: TRANSMIT J2 TRACE IDENTIFIER MESSAGE MEMORY BUFFER
(VTMJ2MEM00 = 0X1F00 -
VTMJ2MEM3F = 0X1F3F) ......................................................................................................................................... 311
TABLE 280: TRANSMIT N2 ACESS POINT IDENTIFIER MESSAGE MEMORY BUFFER
(VTMN2MEM20 = 0XNF20
- VTMN2MEM2F = 0XNF2F) ..................................................................................................................................... 311
7.0 MICROPROCESSOR INTERFACE TIMING ........................................................................................ 312
7.1 MICROPROCESSOR INTERFACE TIMING - INTEL ASYNCHRONOUS MODE .......................................... 312
FIGURE 55. INTEL-ASYNCHRONOUS MODE TIMING - WRITE OPERATION......................................................................................... 312
TABLE 281 INTEL ASYNCHRONOUS MODE TIMING - WRITE OPERATION ......................................................................................... 313
FIGURE 56. INTEL-ASYNCHRONOUS MODE TIMING - READ OPERATION .......................................................................................... 313
TABLE 282 INTEL ASYNCHRONOUS MODE TIMING - READ OPERATION ........................................................................................... 313
7.2 MICROPROCESSOR INTERFACE TIMING - MOTOROLA ASYNCHRONOUS (68K) MODE...................... 314
FIGURE 57. MOTOROLA-ASYNCHRONOUS MODE TIMING - WRITE OPERATION................................................................................ 314
TABLE 283 MOTOROLA (68K) ASYNCHRONOUS MODE TIMING INFORMATION - WRITE OPERATION .................................................. 314
7.2.1 MOTOROLA-ASYNCHRONOUS MODE TIMING - READ OPERATION.................................................................. 315
FIGURE 58. MOTOROLA-ASYNCHRONOUS MODE TIMING - READ OPERATION ................................................................................. 315
TABLE 284 MOTOROLA (68K) ASYNCHRONOUS MODE TIMING - READ OPERATION ........................................................................ 315
7.3 POWERPC 403 SYNCHRONOUS MODE:...................................................................................................... 316
FIGURE 59. POWERPC 403 MODE TIMING - WRITE OPERATION .................................................................................................... 316
TABLE 285 POWER PC403 MODE TIMING - WRITE OPERATION ..................................................................................................... 316
FIGURE 60. POWERPC 403 MODE TIMING - READ OPERATION ..................................................................................................... 317


Similar Part No. - XRT86SH221_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH221IB EXAR-XRT86SH221IB Datasheet
2Mb / 353P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
More results

Similar Description - XRT86SH221_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH221 EXAR-XRT86SH221 Datasheet
2Mb / 353P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
logo
List of Unclassifed Man...
CP1181 ETC-CP1181 Datasheet
148Kb / 3P
   21 Channel E1/T1 Mapper
Rev1.0 March, 2005
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_2 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
   TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_1 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
   TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com