Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH221 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT86SH221
Description  SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
Download  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH221 Datasheet(HTML) 1 Page - Exar Corporation

  XRT86SH221 Datasheet HTML 1Page - Exar Corporation XRT86SH221 Datasheet HTML 2Page - Exar Corporation XRT86SH221 Datasheet HTML 3Page - Exar Corporation XRT86SH221 Datasheet HTML 4Page - Exar Corporation XRT86SH221 Datasheet HTML 5Page - Exar Corporation XRT86SH221 Datasheet HTML 6Page - Exar Corporation XRT86SH221 Datasheet HTML 7Page - Exar Corporation XRT86SH221 Datasheet HTML 8Page - Exar Corporation XRT86SH221 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 357 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT86SH221
SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
AUGUST 2008
REV. 1.0.1
GENERAL DESCRIPTION
The XRT86SH221 (Voyager-Lite) is a physical layer
SDH to PDH mapper/demapper which enables E1
aggregation to STM-1 via standard VC-12 to AU-3
and TUG-3/AU-4 mapping protocols.
Voyager-Lite
supports all the framing, mapping and grooming
functions required for STM-1 mapper applications.
The device generates and terminates all SDH
Regenerator Section, Multiplexer Section and Path
Overhead including the low-order Virtual Container
(VC) Path Overhead. E1 framing is transparent;
therefore,
the
device
neither
generates
nor
terminates the E1 frame.
A single Voyager-Lite performs mapping of 21
asynchronous E1 spans to either VC-12/TU-12/TUG-
2/ VC-3/AU-3/STM-0 or VC-12/TU-12/TUG-2/TUG-3/
STM-0. Mapping to STM-1 requires (3) Voyager-Lite
devices with one acting as "master" framer and two
acting as "slave" framers. In this configuration,
Voyager-Lite performs all the necessary framing,
pointer processing and mapping functions required
for mapping of 63xE1 spans to either VC-12/TU-12/
TUG-2/VC-3/AU-3/STM-1
or
VC-12/TU-12/TUG-2/
TUG-3/VC-4/AU-4/STM-1 as shown in the block
diagram.
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM
STM-1 SOH
Processor
JTAG
Microprocessor
STM-1 SOH
Processor
21 Ch
E1
Frame
Sync
Bit
Retimer
21 Ch
E1
Short
Haul
LIU
Tx
21 Ch
E1
Short
Haul
LIU
Rx
VC-12
Cross
Connect
21x21
Rx
VC-12
Cross
Connect
21x21
Tx
VC-12
Mapper
+
TU-12
Pointer
Proc
Rx
VC-12
Mapper
+
TU-12
Pointer
Proc
Tx
XRT86SH221 Voyager Lite
SDH
Path
Proc
(POH)
TU-12
To
TUG2
Rx
VC3/
AU3
TUG3/
VC4/
AU4
Tx
SDH
Trans-
Port
Proc
(SOH)
Rx
SDH
Trans-
Port
Proc
(SOH)
Tx
Telecom
Bus
Rx
Telecom
Bus
Tx
PLL
E1, 2xE1
4xE1, 8xE1
8kHz
Master
Slave
19.44Mhz
SDH OH
Drop
SDH OH
Add
Single Input
Clock
Reference
JTAG
Port
Microprocessor
Interface
Recovered
Line Clock
Egress
Ingress
Telecom Bus or
Serial Port
Interface
VC-4 POH
Drop
VC-4 P OH
Add
PACKAGE ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT86SH221IB
388 PBGA
-40°C to +85°C


Similar Part No. - XRT86SH221

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH221 EXAR-XRT86SH221 Datasheet
2Mb / 353P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH221IB EXAR-XRT86SH221IB Datasheet
2Mb / 353P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
More results

Similar Description - XRT86SH221

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH221 EXAR-XRT86SH221 Datasheet
2Mb / 353P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
logo
List of Unclassifed Man...
CP1181 ETC-CP1181 Datasheet
148Kb / 3P
   21 Channel E1/T1 Mapper
Rev1.0 March, 2005
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_2 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
   TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_1 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
   TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com