Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH328IB Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT86SH328IB
Description  VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328IB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT86SH328IB Datasheet HTML 6Page - Exar Corporation XRT86SH328IB Datasheet HTML 7Page - Exar Corporation XRT86SH328IB Datasheet HTML 8Page - Exar Corporation XRT86SH328IB Datasheet HTML 9Page - Exar Corporation XRT86SH328IB Datasheet HTML 10Page - Exar Corporation XRT86SH328IB Datasheet HTML 11Page - Exar Corporation XRT86SH328IB Datasheet HTML 12Page - Exar Corporation XRT86SH328IB Datasheet HTML 13Page - Exar Corporation XRT86SH328IB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
XRT86SH328
8
VOYAGER - E1 FRAMER + LIU REGISTER DESCRIPTION
REV. 1.0.1
LAPD Buffer 1 Control Register
LAPDBCR1
0xN700 -
0xN760
Performance Monitor
Receive Line Code Violation Counter: MSB
RLCVCU
0xN900
Receive Line Code Violation Counter: LSB
RLCVCL
0xN901
Receive Frame Alignment Error Counter: MSB
RFAECU
0xN902
Receive Frame Alignment Error Counter: LSB
RFAECL
0xN903
Receive Severely Errored Frame Counter
RSEFC
0xN904
Receive Synchronization Bit (CRC-6 (T1) CRC-4 (E1) Block) Error
Counter: MSB
RSBBECU
0xN905
Receive Synchronization Bit (CRC-6 (T1) CRC-4 (E1) Block) Error
Counter: LSB
RSBBECL
0xN906
Receive Far-End Block Error Counter: MSB
RFEBECU
0xN907
Receive Far-End Block Error Counter: LSB
RFEBECL
0xN908
Receive Slip Counter
RSC
0xN909
Receive Loss of Frame Counter
RLFC
0xN90A
Receive Change of Frame Alignment Counter
RCFAC
0xN90B
LAPD Frame Check Sequence Error counter 1
LFCSEC1
0xN90C
PRBS bit Error Counter: MSB
PBECU
0xN90D
PRBS bit Error Counter: LSB
PBECL
0xN90E
Transmit Slip Counter
TSC
0xN90F
Excessive Zero Violation Counter: MSB
EZVCU
0xN910
Excessive Zero Violation Counter: LSB
EZVCL
0xN911
Interrupt Generation/Enable Register Address Map (0xNB00 - 0xNB41)
Block Interrupt Status Register
BISR
0xNB00
Block Interrupt Enable Register
BIER
0xNB01
Alarm & Error Interrupt Status Register
AEISR
0xNB02
Alarm & Error Interrupt Enable Register
AEIER
0xNB03
Framer Interrupt Status Register
FISR
0xNB04
Framer Interrupt Enable Register
FIER
0xNB05
Data Link Status Register 1
DLSR1
0xNB06
Data Link Interrupt Enable Register 1
DLIER1
0xNB07
Slip Buffer Interrupt Status Register
SBISR
0xNB08
Slip Buffer Interrupt Enable Register
SBIER
0xNB09
TABLE 3: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX


Similar Part No. - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
More results

Similar Description - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_3 Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com