Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH328IB Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT86SH328IB
Description  VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328IB Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT86SH328IB Datasheet HTML 2Page - Exar Corporation XRT86SH328IB Datasheet HTML 3Page - Exar Corporation XRT86SH328IB Datasheet HTML 4Page - Exar Corporation XRT86SH328IB Datasheet HTML 5Page - Exar Corporation XRT86SH328IB Datasheet HTML 6Page - Exar Corporation XRT86SH328IB Datasheet HTML 7Page - Exar Corporation XRT86SH328IB Datasheet HTML 8Page - Exar Corporation XRT86SH328IB Datasheet HTML 9Page - Exar Corporation XRT86SH328IB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 129 page
background image
XRT86SH328
4
VOYAGER - E1 FRAMER + LIU REGISTER DESCRIPTION
REV. 1.0.1
1.0
MEMORY AND REGISTER MAP
This section provides a complete list of the Voyager E1 register address map as an overview followed by a full
description of each register.
1.1
MEMORY MAPPED I/O ADDRESSING
In order to support E1 and/or T1 multiple channel implementation, maintain rich user controlled features, and
provide seamless scalability without sacrificing performance for microcontroller access, Voyager E1 operation
chooses an addressing scheme to channelize the access for the microcontroller interface. This mapping order
and scheme was chosen such that Voyager E1 channel operation is seamless and consistent with its Voyager
T1 channel operation, Voyager XRT86SH328 also supports DS1, DS-3, M13 Mux, STS-1/STS-3 SONET
Framer/VT Mapper and many other features.
L
TABLE 1: VOYAGER E1 CHANNEL MAPPING SCHEME
N
E1 CHANNELS
1-3
Channel 1 through Channel 3
4
Reserved
5-7
Channel 4 through Channel 6
8
Reserved
9-11
Channel 7 through Channel 9
12
Reserved
13-15
Channel 10 through Channel 12
16
Reserved
17-19
Channel 13 through Channel 15
20
Reserved
21-23
Channel 16 through Channel 18
24
Reserved
25-27
Channel 19 through Channel 21
28
Reserved


Similar Part No. - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
More results

Similar Description - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_3 Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com