Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH328IB Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT86SH328IB
Description  VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328IB Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT86SH328IB Datasheet HTML 4Page - Exar Corporation XRT86SH328IB Datasheet HTML 5Page - Exar Corporation XRT86SH328IB Datasheet HTML 6Page - Exar Corporation XRT86SH328IB Datasheet HTML 7Page - Exar Corporation XRT86SH328IB Datasheet HTML 8Page - Exar Corporation XRT86SH328IB Datasheet HTML 9Page - Exar Corporation XRT86SH328IB Datasheet HTML 10Page - Exar Corporation XRT86SH328IB Datasheet HTML 11Page - Exar Corporation XRT86SH328IB Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 129 page
background image
XRT86SH328
6
VOYAGER - E1 FRAMER + LIU REGISTER DESCRIPTION
REV. 1.0.1
DESCRIPTION OF THE CONTROL REGISTERS - E1 MODE
TABLE 3: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX
Control Registers (0xN100 - 0xN1FF)
Clock and Select Register
CSR
0xN100
Line Interface Control Register
LICR
0xN101
Reserved
-
0xN103 - 0xN106
Framing Select Register
FSR
0xN107
Alarm Generation Register
AGR
0xN108
Synchronization MUX Register
SMR
0xN109
Transmit Signaling and Data Link Select Register
TSDLSR
0xN10A
Framing Control Register
FCR
0xN10B
Receive Signaling & Data Link Select Register
RSDLSR
0xN10C
Receive Signaling Change Register 0
RSCR0
0xN10D
Receive Signaling Change Register 1
RSCR1
0xN10E
Receive Signaling Change Register 2
RSCR2
0xN10F
Receive Signaling Change Register 3
RSCR3
0xN110
Receive National Bits Register
RNBR
0xN111
Receive Extra Bits Register
REBR
0xN112
Data Link Control Register 1
DLCR1
0xN113
Transmit Data Link Byte Count Register 1
TDLBCR1
0xN114
Receive Data Link Byte Count Register 1
RDLBCR1
0xN115
Slip Buffer Control Register
SBCR
0xN116
Reserved
-
0xN117
Interrupt Control Register
ICR
0xN11A
SAI Enable
SAIENR
0xN11C
Reserved
-
0xN11D
Reserved
-
0xN120
BERT Control & Status Register 0
PRBSCSR0
0xN121
Reserved
-
0xN122
BERT Control & Status Register 1
PRBSCSR1
0xN123
For T1 mode only
-
0xN124 - 0xN127
Defect Detection Enable Register
DDER
0xN129
Transmit Sa Select Register
TSASR
0xN130


Similar Part No. - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
More results

Similar Description - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_3 Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com