Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH328 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT86SH328
Description  VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT86SH328_3 Datasheet HTML 3Page - Exar Corporation XRT86SH328_3 Datasheet HTML 4Page - Exar Corporation XRT86SH328_3 Datasheet HTML 5Page - Exar Corporation XRT86SH328_3 Datasheet HTML 6Page - Exar Corporation XRT86SH328_3 Datasheet HTML 7Page - Exar Corporation XRT86SH328_3 Datasheet HTML 8Page - Exar Corporation XRT86SH328_3 Datasheet HTML 9Page - Exar Corporation XRT86SH328_3 Datasheet HTML 10Page - Exar Corporation XRT86SH328_3 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 119 page
background image
XRT86SH328
5
REV. 1.0.1
VOYAGER - T1 FRAMER + LIU REGISTER DESCRIPTION
Receive Loopback Activation Code Register - Code 0
RLACR0
0xN126
Receive Loopback Deactivation Code Register - Code 0
RLDCR0
0xN127
Defect Detection Enable Register
DDER
0xN129
Loopback Code Control Register - Code 1
LCCR1
0xN12A
Receive Loopback Activation Code Register - Code 1
RLACR1
0xN12B
Receive Loopback Deactivation Code Register - Code 1
RLDCR1
0xN12C
Loopback Code Control Register - Code 2
LCCR2
0xN12D
Receive Loopback Activation Code Register - Code 2
RLACR2
0xN12E
Receive Loopback Deactivation Code Register - Code 2
RLDCR2
0xN12F
Reserved - E1 mode only
-
0xN130 - 0xN13F
Transmit SPRM Control Register and NPRM
TSPRMCR
0xN142
BERT Control Register
BCR
0xN163
Time Slot (payload) Control (0xN300 - 0xN3FF)
Transmit Channel Control Register 0-23
TCCR 0-23
0xN300 - 0xN317
Transmit User Code Register 0-23
TUCR 0-23
0xN320 - 0xN337
Transmit Signaling Control Register 0-23
TSCR 0-23
0xN340 - 0xN357
Receive Channel Control Register 0-23
RCCR 0-23
0xN360 - 0xN377
Receive User Code Register 0-23
RUCR 0-23
0xN380 - 0xN397
Receive Signaling Control Register 0-23
RSCR 0-23
0xN3A0 - 0xN3B7
Receive Substitution Signaling Register 0-23
RSSR 0-23
0xN3C0 - 0xN3D7
Receive Signaling Array (0xN500 - 0xN51F)
Receive Signaling Array Register 0
RSAR0-23
0xN500 -
0xN517
LAPDn Buffer 0
LAPD Buffer 0 Control Register
LAPDBCR0
0xN600 -
0xN660
LAPDn Buffer 1
LAPD Buffer 1 Control Register
LAPDBCR1
0xN700 -
0xN760
Performance Monitor
Receive Line Code Violation Counter: MSB
RLCVCU
0xN900
Receive Line Code Violation Counter: LSB
RLCVCL
0xN901
Receive Frame Alignment Error Counter: MSB
RFAECU
0xN902
Receive Frame Alignment Error Counter: LSB
RFAECL
0xN903
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX


Similar Part No. - XRT86SH328_3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
More results

Similar Description - XRT86SH328_3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_1 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38_09 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com