Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH328 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT86SH328
Description  SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328 Datasheet(HTML) 5 Page - Exar Corporation

  XRT86SH328 Datasheet HTML 1Page - Exar Corporation XRT86SH328 Datasheet HTML 2Page - Exar Corporation XRT86SH328 Datasheet HTML 3Page - Exar Corporation XRT86SH328 Datasheet HTML 4Page - Exar Corporation XRT86SH328 Datasheet HTML 5Page - Exar Corporation XRT86SH328 Datasheet HTML 6Page - Exar Corporation XRT86SH328 Datasheet HTML 7Page - Exar Corporation XRT86SH328 Datasheet HTML 8Page - Exar Corporation XRT86SH328 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
XRT86SH328
5
REV. 1.0.1
SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
SONET/SDH Transmitter
Performs standard STS1/STS3 or STM-0/STM-1 transmit processing.
Conforms to ITU-T I.432, ANSI T1.105, and Bellcore-253
Provides a 51.84MHz STS1/STM-0 serial LVCMOS/LVTTL interface or 6MHz/19MHz 8-bit STS1/STS3 or
STM-0/STM-1 telecom bus parallel interface.
Performs SONET/SDH frame insertion and accepts external frame synchronization.
Performs optional transmit data scrambling.
Performs POH/HP, SONET/SDH OH generation/insertion.
Generates transmit payload pointer (H1, H2) (fixed at 522) with NDF insertion.
Inserts A1/A2 with optional error mask.
Computes and inserts BIP-8 (B1, B2) with optional error mask.
Generates AIS-L/HP-AIS, REI-L/HP-REI and RDI-L/HP-RDI according to receiver state with option of SW or
HW insertion.
Inserts LOS, forces SEF by software.
Generates RDI-P/LP-RDI and REI-P/LP-REI automatically with optional SW or HW override.
Inserts fixed-stuff columns, calculates and inserts B3 error code.
SONET/SDH Receiver
Performs standard STS1/STS3 or STM-0/STM-1 receive processing.
Conforms to ITU-T I.432, ANSI T1.105, and Bellcore-253.
Provides fully programmable threshold detection for SD and SF conditions.
Provides a 51.84MHz STS1/STM-0 serial LVCMOS/LVTTL interface or 6MHz/19MHz 8-bit STS1/STS3 or
STM-0/ STM-1 telecom bus parallel interface.
Provides Section Trace buffer with mismatch detection and invalid message detection.
Performs SONET/SDH frame synchronization.
Supports NDF, positive stuff and negative stuff for pointer processor.
Performs receive data de-scrambling.
Performs POH/HP, SONET/SDH OH interpretation/extraction.
Interprets payload pointer (H1, H2).
Detects Out Of Frame (OOF), Loss Of Frame (LOF), Loss Of Signal (LOS), APS failure.
Detects Line Alarm Indication(L-AIS/HP-AIS), Line remote Defect Indication (L-RDI/HP-RDI), Loss Of
Pointer.
Detects Path/High-Order Path Alarm Indication Signal, Remote Defect Indication, Extended RDI.
Provides C2 byte signal label monitor with Payload Loss Mistmatch (PLM-P/HP-PLM) detection.
Supports Path/High Order Trace buffer with Trace Identifier Mismatch (TIM-P/HP-TIM) and invalid message
detection.
Computes and compares B3, REI-L/HP-REI and REI-P/LP-REI errors.
Computes and compares BIP-8 (B1, B2) and counts the errors.


Similar Part No. - XRT86SH328

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328 EXAR-XRT86SH328 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328 EXAR-XRT86SH328 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86SH328 EXAR-XRT86SH328 Datasheet
521Kb / 119P
   VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
More results

Similar Description - XRT86SH328

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP1181 ETC-CP1181 Datasheet
148Kb / 3P
   21 Channel E1/T1 Mapper
Rev1.0 March, 2005
logo
Exar Corporation
XRT86SH221 EXAR-XRT86SH221_08 Datasheet
2Mb / 357P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH221 EXAR-XRT86SH221 Datasheet
2Mb / 353P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
logo
Maxim Integrated Produc...
DS33R11 MAXIM-DS33R11 Datasheet
2Mb / 338P
   Ethernet Mapper with Integrated T1/E1/J1 Transceiver
REV: 072105
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
   TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
   TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 101508
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com