Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH328IB Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT86SH328IB
Description  VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328IB Datasheet(HTML) 2 Page - Exar Corporation

  XRT86SH328IB Datasheet HTML 1Page - Exar Corporation XRT86SH328IB Datasheet HTML 2Page - Exar Corporation XRT86SH328IB Datasheet HTML 3Page - Exar Corporation XRT86SH328IB Datasheet HTML 4Page - Exar Corporation XRT86SH328IB Datasheet HTML 5Page - Exar Corporation XRT86SH328IB Datasheet HTML 6Page - Exar Corporation XRT86SH328IB Datasheet HTML 7Page - Exar Corporation XRT86SH328IB Datasheet HTML 8Page - Exar Corporation XRT86SH328IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
XRT86SH328
2
VOYAGER - T1 FRAMER + LIU REGISTER DESCRIPTION
REV. 1.0.1
APPLICATIONS
High-Density T1 interfaces for Multiplexers, Switches, LAN Routers and Digital Modems
SONET/SDH terminal or Add/Drop multiplexers (ADMs)
T1 add/drop multiplexers (MUX)
Channel Service Units (CSUs):
Digital Access Cross-connect System (DACs)
Digital Cross-connect Systems (DCS)
Frame Relay Switches and Access Devices (FRADS)
ISDN Primary Rate Interfaces (PRA)
PBXs and PCM channel bank
T3 channelized access concentrators and M13 MUX
Wireless base stations
ATM equipment with integrated E1 interfaces
Multichannel T1 Test Equipment
T1 Performance Monitoring
Voice over packet gateways
Routers
FEATURES
Fifty-Six independent, full duplex T1 Tx and Rx Framer/LIUs
Two 512-bit (two-frame) elastic store, PCM frame slip buffers (FIFO) on TX and Rx
Supports Robbed Bit Signaling (RBS)
Supports ISDN Primary Rate Interface (ISDN PRI) signaling
Integrated HDLC controller per channel for transmit and receive, each controller having two 65-byte buffers
(buffer 0 / buffer 1)
HDLC Controllers Support SS7
Timeslot assignable HDLC
Automatic Performance Report Generation (PMON Status) can be inserted into the transmit LAPD interface
every 1 second or for a single transmission
Alarm Indication Signal with Customer Installation signature (AIS-CI)
Remote Alarm Indication with Customer Installation (RAI-CI)
Gapped Clock interface mode for Transmit and Receive.
Intel/Motorola and Power PC interfaces for configuration, control and status monitoring
Parallel search algorithm for fast frame synchronization
Direct access to D and E channels for fast transmission of data link information
PRBS, QRSS, and Network Loop Code generation and detection
Each framer block encodes and decodes the T1 Frame serial data
Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms


Similar Part No. - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86SH328IB EXAR-XRT86SH328IB Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
More results

Similar Description - XRT86SH328IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_1 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38_09 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com