Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH328 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT86SH328
Description  VOYAGER - T1 FRAMER LIU REGISTER DESCRIPTION
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH328 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT86SH328 Datasheet HTML 7Page - Exar Corporation XRT86SH328 Datasheet HTML 8Page - Exar Corporation XRT86SH328 Datasheet HTML 9Page - Exar Corporation XRT86SH328 Datasheet HTML 10Page - Exar Corporation XRT86SH328 Datasheet HTML 11Page - Exar Corporation XRT86SH328 Datasheet HTML 12Page - Exar Corporation XRT86SH328 Datasheet HTML 13Page - Exar Corporation XRT86SH328 Datasheet HTML 14Page - Exar Corporation XRT86SH328 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
XRT86SH328
9
REV. 1.0.1
VOYAGER - T1 FRAMER + LIU REGISTER DESCRIPTION
1.0
REGISTER DESCRIPTIONS - T1 MODE
TABLE 2: CLOCK SELECT REGISTER (CSR)
HEX ADDRESS: 0XN100
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
LCV Insert
R/W
0
Line Code Violation Insertion
This bit is used to force a Line Code Violation (LCV) on the transmit
output.
A “0” to “1” transition on this bit will cause a single LCV to be inserted
on the transmit output.
6
Set T1 Mode
R/W
0
T1/E1 Mode select
This bit is used to program the individual channel to operate in either
T1 or E1 mode.
0 = Configures the selected channel to operate in E1 mode.
1 = Configures the selected channel to operate in T1 mode.
5
Sync All Transmit-
ters to 8kHz
R/W
0
Sync All Transmit Framers to 8kHz
This bit permits the user to configure each of the 56 Transmit T1
Framer blocks to synchronize their “transmit output” frame alignment
with the 8kHz signal that is derived from the MCLK PLL, as described
below.
0 - Disables the “Sync all Transmit Framers to 8kHz” feature for all
channels.
1 - Enables the “Sync all Transmit Framers to 8kHz” feature for all
channels.
NOTE: Writing to this bit in register 0x0100 will enable this feature for
all channels.
NOTE: This bit is only active if the MCLK PLL is used as the “Timing
Source” for the Transmit T1 Framer” blocks. CSS[1:0] of this
register allows users to select the transmit source of the
framer.
4:2
Reserved
R/W
00
Reserved


Similar Part No. - XRT86SH328

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328 EXAR-XRT86SH328 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
XRT86SH328 EXAR-XRT86SH328 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
More results

Similar Description - XRT86SH328

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_1 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38_09 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com