Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32IB Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 6Page - Exar Corporation XRT86VL32IB Datasheet HTML 7Page - Exar Corporation XRT86VL32IB Datasheet HTML 8Page - Exar Corporation XRT86VL32IB Datasheet HTML 9Page - Exar Corporation XRT86VL32IB Datasheet HTML 10Page - Exar Corporation XRT86VL32IB Datasheet HTML 11Page - Exar Corporation XRT86VL32IB Datasheet HTML 12Page - Exar Corporation XRT86VL32IB Datasheet HTML 13Page - Exar Corporation XRT86VL32IB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
XRT86VL32
7
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.1
TRANSMIT SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL#
TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION
TxSER0/
TxPOS0
TxSER2/
TxPOS2
D11
L18
I
-
Transmit Serial Data Input (TxSERn)/Transmit Positive Digital
Input (TxPOSn):
The exact function of these pins depends on the mode of opera-
tion selected, as described below.
DS1/E1 Mode - TxSERn
These pins function as the transmit serial data input on the system
side interface, which are latched on the rising edge of the TxSER-
CLKn pin. Any payload data applied to this pin will be inserted into
an outbound DS1/E1 frame and output to the line. In DS1 mode,
the framing alignment bits, facility data link bits, CRC-6 bits, and
signaling information can also be inserted from this input pin if
configured appropriately. In E1 mode, all data intended to be
transported via Time Slots 1 through 15 and Time slots 17 through
31 must be applied to this input pin. Data intended for Time Slots 0
and 16 can also be applied to this input pin If configured accord-
ingly.
DS1 or E1 High-Speed Multiplexed Mode* - TxSERn
In this mode, these pins are used as the high-speed multiplexed
data input pin on the system side. High-speed multiplexed data of
channels 0-3 must be applied to TxSER0 in a byte or bit-inter-
leaved way. The framer latches in the multiplexed data on
TxSER0 using TxMSYNC/TxINCLK and demultiplexes this data
into 4 serial streams. The LIU block will then output the data to the
line interface using TxSERCLKn.
DS1 or E1 Framer Bypass Mode - TxPOSn
In this mode, TxSERn is used for the positive digital input pin
(TxPOSn) to the LIU.
NOTE:
1.
*High-speed multiplexed modes include (For T1/E1)
16.384MHz HMVIP, H.100, Bit-multiplexed modes, and
(For T1 only) 12.352MHz Bit-multiplexed mode.
2.
In DS1 high-speed modes, the DS-0 data is mapped into
an E1 frame by ignoring every fourth time slot (don’t
care).
3.
These 8 pins are internally pulled “High” for each
channel.


Similar Part No. - XRT86VL32IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results

Similar Description - XRT86VL32IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com