Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT86VL32 Datasheet HTML 3Page - Exar Corporation XRT86VL32 Datasheet HTML 4Page - Exar Corporation XRT86VL32 Datasheet HTML 5Page - Exar Corporation XRT86VL32 Datasheet HTML 6Page - Exar Corporation XRT86VL32 Datasheet HTML 7Page - Exar Corporation XRT86VL32 Datasheet HTML 8Page - Exar Corporation XRT86VL32 Datasheet HTML 9Page - Exar Corporation XRT86VL32 Datasheet HTML 10Page - Exar Corporation XRT86VL32 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
XRT86VL32
4
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
1.0
PIN LIST
TABLE 1: LIST BY PIN
NUMBER
PIN
PIN NAME
A1
GNDPLL
A2
AVDD18
A3
E1MCLKnOUT
A4
MCLKIN
A5
VSS
A6
TRST
A7
RXSERCLK0
A8
RXCHCLK0
A9
RXOHCLK0
A10
TXMSYNC0
A11
TXOHCLK0
A12
TXSERCLK0
A13
TXCHNCLK0
A14
TXCHN0_3
A15
NC
A16
NC
A17
NC
A18
NC
B1
VDDPLL18
B2
JTAG_Ring
B3
AGND
B4
T1MCLKnOUT
B5
aTEST
B6
TDI
B7
RXLOS0
B8
DVDD18
B9
RXCHN0_2
B10
RXCHN0_4
B11
TEST
B12
TXCHN0_0
B13
TXCHN0_2
B14
VSS
B15
NC
B16
NC
B17
NC
B18
NC
C1
GNDPLL
C2
VDDPLL18
C3
JTAG_Tip
C4
DVDD18
C5
DGND
C6
TMS
C7
TCLK
C8
RXCRCSYNC0
C9
RXCHN0_1
C10
RXCHN0_3
C11
RXOH0
C12
TXOH0
C13
NC
C14
TXCHN0_4
C15
NC
C16
VSS
C17
NC
C18
NC
D1
GNDPLL
D2
VDDPLL18
D3
VDDPLL18
D4
GNDPLL
D5
TDO
D6
RXSER0
D7
RXCHN0_0
D8
RXSYNC0
D9
TXSYNC0
D10
RXCASYNC0
D11
TXSER0
PIN
PIN NAME
D12
TXCHN0_1
D13
NC
D14
NC
D15
RXSERCLK2
D16
VDD
D17
NC
D18
NC
E1
RTIP0
E2
RGND0
E3
RVDD0
E4
TTIP0
E5
ANALOG
E15
NC
E16
NC
E17
NC
E18
NC
F1
RRING0
F2
TGND0
F3
TVDD0
F4
TRING0
F15
VSS
F16
NC
F17
NC
F18
RXSYNC2
G1
DGND
G2
RGND1
G3
RVDD1
G4
NC
G15
RXCHN2_1
G16
RXLOS2
G17
NC
G18
NC
H1
DGND
H2
TGND1
PIN
PIN NAME
H3
TVDD1
H4
NC
H15
RXCASYNC2
H16
RXCHN2_0
H17
RXCHCLK2
H18
NC
J1
RTIP2
J2
RGND2
J3
RVDD2
J4
TTIP2
J15
TXSERCLK2
J16
DVDD18
J17
RXCRCSYNC2
J18
RXSER2
K1
RRING2
K2
TGND2
K3
TVDD2
K4
TRING2
K15
RXOH2
K16
RXCHN2_4
K17
RXOHCLK2
K18
RXCHN2_2
L1
DGND
L2
RGND3
L3
RVDD3
L4
NC
L15
TXSYNC2
L16
RXCHN2_3
L17
TXMSYNC2
L18
TXSER2
M1
DGND
M2
TGND3
M3
TVDD3
M4
NC
PIN
PIN NAME


Similar Part No. - XRT86VL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results

Similar Description - XRT86VL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com