Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L33 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT91L33
Description  STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L33 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT91L33 Datasheet HTML 6Page - Exar Corporation XRT91L33 Datasheet HTML 7Page - Exar Corporation XRT91L33 Datasheet HTML 8Page - Exar Corporation XRT91L33 Datasheet HTML 9Page - Exar Corporation XRT91L33 Datasheet HTML 10Page - Exar Corporation XRT91L33 Datasheet HTML 11Page - Exar Corporation XRT91L33 Datasheet HTML 12Page - Exar Corporation XRT91L33 Datasheet HTML 13Page - Exar Corporation XRT91L33 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRT91L33
10
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
REV. V1.0.0
3.4
LVPECL Differential Input and Output DC characteristics
FIGURE 4. DIFFERENTIAL VOLTAGE SWING DEFINITIONS (INPUT OR OUTPUT) FOR CLOCK AND DATA
TABLE 7: LVPECL DIFFERENTIAL INPUTS AND OUPUTS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
VIH
Input HIGH voltage
VDD-1.75
VDD-0.4
V
Guaranteed input
HIGH voltage
VIL
Input LOW voltage
VDD-2.0
VDD-0.7
V
Guaranteed input
LOW voltage
IIH
Input HIGH current
-0.5
10
A
VIN DIFF =0.5V
IIL
Input LOW current
-0.5
10
VIN DIFF =0.5V
VIDIFF
Input PECL Differential Voltage, peak-
to-peak swing (see
Figure 4)
250
mV
VOCM
Output Common-Mode Voltage
0.8
1.35
1.7
V
50
to (VDD-2.0V)
VODIFF
Output LVPECL Differential Voltage,
peak-to-peak swing (see
Figure 4)
800
1700
mV
50
to (VDD-2.0V)
TABLE 8: LVDS OUTPUTS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
VOCM
Output common-mode voltage
1.0
1.35
1.7
V
100
between
RXDOP/N and
RXCLKP/N
VODIFF
Output LVDS Differential Voltage,
peak-to-peak Swing (see
Figure 4)
700
1700
mV
100
between
RXDOP/N and
RXCLKP/N
μ
μA
Ω
Ω
V(+)
V(-)
0 V
2 x VSINGLE
VSINGLE
VDIFF = V(+)-V(-)
Ω
Ω


Similar Part No. - XRT91L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
XRT91L33AIG-F EXAR-XRT91L33AIG-F Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results

Similar Description - XRT91L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
   STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Micrel Semiconductor
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com