Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L33 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT91L33
Description  STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L33 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT91L33 Datasheet HTML 2Page - Exar Corporation XRT91L33 Datasheet HTML 3Page - Exar Corporation XRT91L33 Datasheet HTML 4Page - Exar Corporation XRT91L33 Datasheet HTML 5Page - Exar Corporation XRT91L33 Datasheet HTML 6Page - Exar Corporation XRT91L33 Datasheet HTML 7Page - Exar Corporation XRT91L33 Datasheet HTML 8Page - Exar Corporation XRT91L33 Datasheet HTML 9Page - Exar Corporation XRT91L33 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XRT91L33
6
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
REV. V1.0.0
2.0
FUNCTIONAL DESCRIPTION
The XRT91L33 CDR is designed to operate with a SONET Framer/ASIC device and provide a high-speed
serial clock and data recovery interface to optical networks. The CDR receives a differential NRZ serial bit
stream running at STS-12/STM-4 or STS-3/STM-1 and generates recovered serial clock and data via
differential LVDS/LVPECL drivers.
2.1
Reference Clock Input
The XRT91L33 accepts a 19.44 MHz LVTTL clock input at REFCK. The REFCK should be generated from a
source that has a frequency accuracy better than ±100ppm in order for the CDR Loss of Lock detector to have
the necessary accuracy required for SONET systems.
2.2
Receive Clock and Data Recovery
The clock and data recovery (CDR) unit accepts the high-speed NRZ serial data from the Differential receiver
and generates a clock that is the same frequency as the incoming data. The clock recovery block utilizes the
reference clock from REFCK to train and monitor its clock recovery PLL. Upon startup, the PLL locks to the
local reference clock. Once this is achieved, the PLL then attempts to lock onto the incoming receive serial
data stream. Whenever the recovered clock frequency deviates from the local reference clock frequency by
more than approximately ±500ppm, the clock recovery PLL will switch to the local reference clock, declare a
Loss of Lock and output a LOW level signal on the LOCK output pin. Whenever a Loss of Lock (LOL) or a
Loss of Signal (LOS) event occurs, the CDR will continue to supply a receive clock (based on the local
reference).
2.3
External Receive Loop Filter Capacitor
For STS12/STM4 and STS3/STM1 operation, the XRT91L33 uses a 1.0uF (or greater) external loop filter
capacitor to achieve the required receiver jitter performance. It must be well isolated to prohibit noise entering
the CDR block and should be placed as close to the pins as possible. The non-polarized capacitor should be of
±10% tolerance. Use type X7R or X5R capacitors for improved stability over temperature.
2.4
STS-12/STM-4 and STS-3/STM-1 Mode of Operation
The VCO output signal is fed into a programmable frequency divider allowing to properly set the PLL operating
frequency corresponding to the desired data rate. For 622.08 Mbps signal STS12_MODE is set HIGH and for
155.52 Mbps, STS12_MODE is set LOW.
2.5
Signal Detection
XRT91L33 has two control pins that are used to indicate an LOS condition (Loss Of Signal). The SIGD pin is a
LVPECL input and the LCKTOREFN pin is a LVTTL input. They are internally connected as shown in Figure 3.
If either of these two inputs goes LOW and TEST is LOW, XRT91L33 will enter a Loss of Signal (LOS) state,
and will mute the RXDOP/N. During the LOS state, XRT91L33 will also maintain RXCLKOP/N within ±500ppm
of the input reference clock, REFCK. Most optical modules have an SIGD output. This SIGD output indicates
that there is sufficient optical power and is typically active HIGH. If the SIGD output on the optical module is
LVPECL, it should be connected directly to the SIGD input of XRT91L33, and the LCKTOREFN input should
be tied HIGH. If the SIGD output is LVTTL, it should be connected directly to the LCKTOREFN input and the
SIGD input should be tied HIGH. The SIGD and LCKTOREFN inputs also can be used for other applications
when it is required to hold RXCLKOP/N output within ±500ppm of the input reference clock and mute the serial
data output lines.


Similar Part No. - XRT91L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
XRT91L33AIG-F EXAR-XRT91L33AIG-F Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results

Similar Description - XRT91L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
   STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Micrel Semiconductor
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com