Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L33IG Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT91L33IG
Description  STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L33IG Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT91L33IG Datasheet HTML 5Page - Exar Corporation XRT91L33IG Datasheet HTML 6Page - Exar Corporation XRT91L33IG Datasheet HTML 7Page - Exar Corporation XRT91L33IG Datasheet HTML 8Page - Exar Corporation XRT91L33IG Datasheet HTML 9Page - Exar Corporation XRT91L33IG Datasheet HTML 10Page - Exar Corporation XRT91L33IG Datasheet HTML 11Page - Exar Corporation XRT91L33IG Datasheet HTML 12Page - Exar Corporation XRT91L33IG Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
XRT91L33
9
REV. V1.0.0
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
3.0
ELECTRICAL CHARACTERISTICS
3.1
Absolute Maximum RATINGS
3.2
Operating Conditions
3.3
LVPECL Single Ended Input and Output DC characteristics
TABLE 4: ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
MINIMUM MAXIMUM UNIT
VDD
Power supply voltage, referenced to GND
-0.5
4.0
V
DC input voltage (LVPECL, LVTTL)
-0.5
VDD+0.5
V
Output current (LVDS or LVPECL)
-50
+50
mA
TS
Storage Temperature
-65
150
VESD
Electrostatic discharge voltage, human body model
-2000
2000
V
TABLE 5: RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNITS
VDD
Power supply voltage
3.135
3.3
3.465
V
Temp
Operating Temperature under bias 1
1. Lower limit of specification is ambient temperature, and upper limit is case temperature.
-40
85
C
IDD
Power supply current (outputs unterminated)
65
80
mA
PD
Power dissipation (outputs unterminated)
215
277
mW
TABLE 6: LVPECL SINGLE ENDED INPUTS AND OUTPUTS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
VIH
Input HIGH voltage
VDD-1.125
VDD-0.5
V
Guaranteed input
HIGH voltage
VIL
Input LOW voltage
VDD-2.0
VDD-1.5
V
Guaranteed input
LOW voltage
IIH
Input HIGH current
-0.5
10
A
VIN = VDD - 0.5V
IIL
Input LOW current
-0.5
10
VIN=VDD-2.0V
VOL
Output LOW voltage
VDD-2.0
VDD-1.8
V
50
to (VDD-2.0V)
VOH
Output HIGH voltage
VDD-1.25
VDD-0.67
V
50
to (VDD-2.0V)
°C
°
μ
μA
Ω
Ω


Similar Part No. - XRT91L33IG

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
XRT91L33AIG-F EXAR-XRT91L33AIG-F Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results

Similar Description - XRT91L33IG

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
   STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Micrel Semiconductor
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com