Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L33IG-F Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT91L33IG-F
Description  STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L33IG-F Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT91L33IG-F Datasheet HTML 7Page - Exar Corporation XRT91L33IG-F Datasheet HTML 8Page - Exar Corporation XRT91L33IG-F Datasheet HTML 9Page - Exar Corporation XRT91L33IG-F Datasheet HTML 10Page - Exar Corporation XRT91L33IG-F Datasheet HTML 11Page - Exar Corporation XRT91L33IG-F Datasheet HTML 12Page - Exar Corporation XRT91L33IG-F Datasheet HTML 13Page - Exar Corporation XRT91L33IG-F Datasheet HTML 14Page - Exar Corporation XRT91L33IG-F Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
XRT91L33
11
REV. V1.0.0
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
3.5
AC Characteristics
TABLE 9: LVTTL INPUTS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
VIH
Input HIGH voltage
2.0
VDD
V
VIL
Input LOW voltage
0
0.8
V
IIH
Input HIGH current
-50
50
VIN = 2.75 V, VDD =
Maximum
IIL
Input LOW current
-50
50
VIN = 0.5 V, VDD =
Maximum
TABLE 10: PERFORMANCE SPECIFICATIONS
Test Condition: VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
f
VCO center frequency
622.08
MHz
fTOL
CDR’s reference clock frequency
-250
250
ppm
fTREF_CLK
OC-12/STS-12 capture range
-500
500
ppm
with respect to the fixed
reference frequency
CLKOUTDC
Clock output duty cycle
45
55
% UI
20% minimum transition
density
tLOCK
OC-12/STS-12 acquisition lock time
16
Valid REFCK and
device already pow-
ered up
tLOCK_R,
tLOCK_F
LOCK output rise and fall time
500
ps
10% to 90%, with 100
and 5 pF capacitive
equivalent load
JGEN_CLCK
RXCLKOP/N iitter generation
0.005
0.01
UIrms
JTOL
OC-12/STS-12 jitter tolerance
0.40
0.5
UI
Sinusoidal input jitter of
RXDIP/N from 250 KHz
to 5MHz
μA
μA
μs
Ω


Similar Part No. - XRT91L33IG-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
XRT91L33AIG-F EXAR-XRT91L33AIG-F Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results

Similar Description - XRT91L33IG-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
   STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Micrel Semiconductor
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com