Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L33IG-F Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT91L33IG-F
Description  STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L33IG-F Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT91L33IG-F Datasheet HTML 3Page - Exar Corporation XRT91L33IG-F Datasheet HTML 4Page - Exar Corporation XRT91L33IG-F Datasheet HTML 5Page - Exar Corporation XRT91L33IG-F Datasheet HTML 6Page - Exar Corporation XRT91L33IG-F Datasheet HTML 7Page - Exar Corporation XRT91L33IG-F Datasheet HTML 8Page - Exar Corporation XRT91L33IG-F Datasheet HTML 9Page - Exar Corporation XRT91L33IG-F Datasheet HTML 10Page - Exar Corporation XRT91L33IG-F Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
XRT91L33
7
REV. V1.0.0
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
FIGURE 3. CONTROL DIAGRAM FOR SIGNAL DETECTION CIRCUIT AND PLL TEST OPERATION
2.6
Lock Detection
XRT91L33 features a PLL lock detection circuit. The lock detect (LOCK) output goes HIGH to indicate that the
PLL is locked to the serial data input and valid data and clock are present at the high-speed differential output.
The LOCK output will go LOW if either the LOCKTOREFN or the SIGD input is forced LOW. Additionally,
LOCK will also go low if the incoming data frequency is more than +/-500ppm away from the reference clock
frequency (REFCK x 32 in OC12 mode, REFCLK x 8 in OC3 mode). When LOCK output is driven LOW, the
VCO is forced to lock to REFCK and then released to lock on the incoming data. If the incoming data frequency
remains outside the +/-500ppm window, the training mode is repeated. Debounce logic stabilizes the LOCK
output pin to stay LOW for incoming frequencies well beyond the +/-500ppm window.
2.7
PLL Test Operation
The TEST pin is intended for use in production test and should be set at logic LOW in normal operation. If both
TEST and STS12_MODE pins are set to logic HIGH, XRT91L33 will bypass the PLL and present an inverted
version of the REFCK to the clock output RXCLKOP/N. REFCK’s rising edge is used to capture the input data
and transmit data to RXDOP/N. This bypass test operation can be used to facilitate board level debugging
process.
0
1
LOS (Internal)
SIGD
LCKTOREFN
TEST
STS12_MODE
REFCK
PLL Clock
(Internal)
RXDIP/N
22
2
RXCLKOP/N
RXDOP/N


Similar Part No. - XRT91L33IG-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
XRT91L33AIG-F EXAR-XRT91L33AIG-F Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results

Similar Description - XRT91L33IG-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
   STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
   STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Micrel Semiconductor
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
   OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com