Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT6164AIP Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT6164AIP
Description  Digital Line Interface Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164AIP Datasheet(HTML) 5 Page - Exar Corporation

  XRT6164AIP Datasheet HTML 1Page - Exar Corporation XRT6164AIP Datasheet HTML 2Page - Exar Corporation XRT6164AIP Datasheet HTML 3Page - Exar Corporation XRT6164AIP Datasheet HTML 4Page - Exar Corporation XRT6164AIP Datasheet HTML 5Page - Exar Corporation XRT6164AIP Datasheet HTML 6Page - Exar Corporation XRT6164AIP Datasheet HTML 7Page - Exar Corporation XRT6164AIP Datasheet HTML 8Page - Exar Corporation XRT6164AIP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
XRT6164A
5
Rev. 3.0.1
ELECTRICAL CHARACTERISTIC (CONT’D)
Parameters
Min. Typ. Max. Units Conditions
AC Electrical Characteristics (Cont’d)
Transmitter
Output Rise Time
80
ns
Pins 8, 10; R
L = 130, C L = 15pF, 10% to 90%
Output Fall Time
80
ns
Pins 8, 10; R
L = 130, C L = 15pF, 90% to 10%
Rising Edge Delay
100
ns
Pins 8, 10; R
L = 130, C L = 15pF, 50% to 50%
(I/P to O/P)
Falling Edge Delay
100
ns
Pins 8, 10; R
L = 130, C L = 15pF, 50% to 50%
(I/P to O/P)
Notes:
Bold face parameters are covered by production test and guaranteed over operating temperature range.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................... 20V
Storage Temperature .............. -65
°C to +150°C
Magnetic Supplier Information:
Pulse
Telecom Product Group
P.O. Box 12235
San Diego, CA 92112
Tel. (619) 674-8100
Fax. (619) 674-8262
Transpower Technologies, Inc.
24 Highway 28, Suite 202
Crystal Bay, NV 89402-0187
Tel. (702) 831-0140
Fax. (702) 831-3521


Similar Part No. - XRT6164AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164AIP EXAR-XRT6164AIP Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
XRT6164AIP EXAR-XRT6164AIP Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
More results

Similar Description - XRT6164AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164 Datasheet
495Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164_07 Datasheet
99Kb / 10P
   Digital Line Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
   Digital Line to POTS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com