Electronic Components Datasheet Search |
|
MFC1926-12 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION |
|
MFC1926-12 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION |
1 / 3 page 190 - 260 MHz OPTIMIZED BANDWIDTH VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: MFC1926-12 FEATURES: ► Low Phase Noise Performance ► Fast Tuning ► Ideal for PLL Applications ► Small Size, Surface Mount ► Lead Free REL-PRO® Technology Phase Noise -170 -160 -150 -140 -130 -120 -110 -100 -90 -80 -70 -60 -50 -40 -30 100 1000 10000 100000 1000000 10000000 Offset Frequency (Hz) 173.6MHz/0.5V 215.1MHz/3.2V 240.2MHz/5.45V 265.1MHz/8.6V 295.5MHz/24V SPECIFICATIONS (Rev. B 07/03/07) Frequency 190 - 260 MHz Tuning Voltage (Full Band) 0.5 - 12 VDC Bias Voltage +12 VDC @ <35 mA Output Power +1 dBm (Min) Tuning Sensitivity 6 - 14 MHz/V (Typ) Output Impedance 50 Ohms (Nom) Harmonic Suppression 10 dBc (Min) Frequency Pulling 3 MHz (Typ @ 1.75:1 VSWR) Frequency Pushing 2 MHz/V (Typ) Phase Noise @ 10 kHz -114 dBc/Hz (Typ) Operating Temperature Range -40 to 85 °C Guaranteed Tuning Specifications Tuning Voltage ( V ) Frequency ( MHz ) 0.5 190 (Max) 5 220 (Min) 8 240 (Min) 12 260 (Min) Package # 278LF |
Similar Part No. - MFC1926-12 |
|
Similar Description - MFC1926-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |