Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXO10-1-349 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # OXO10-1-349
Description  OVEN CONTROLLED crystal OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

OXO10-1-349 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  OXO10-1-349 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION OXO10-1-349 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
oven ConTRoLLeD CRysTaL osCILLaToR
pLug-In MoDeL:
oXo10-1-349
Copyright © 2008 Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
FEATURES:
Exceptionally Low Phase Noise
Fast Warm-up Time
Low Power Consumption
Tight Frequency Stability
Excellent Long-Term Stability
El. Frequency Tuning Input
Reference Voltage Output
Small CO-8 package
SPECIFICATIONS
Nominal Frequency F
N
10.000 MHz
Frequency Stability
Within operating range
≤ ± 7 x 10-9
vs. supply voltage changes V
S ± 10%
≤ ± 5 x 10-10
vs. load changes 50 Ohm ± 10%
≤ ± 5 x 10-10
Aging (after 30 days of continuous operation)
Per day
≤ ± 5 x 10-10
Per Year
≤ ± 5 x 10-8
10 Years
≤ ± 3 x 10-7
Frequency Tuning Range
≥ ± 4 x 10-7
Tuning Voltage Range V
C
0 to 5 V
Reference Voltage Output V
REF
+5 V ± 5%
Supply Voltage V
S
+12.0 V ± 10%
Supply Current I
S
Steady State @ +25 ºC
≤ 200 mA
Steady State @ +40 ºC
≤ 500 mA
During Warm-up
≤ 600 mA
Warm Up Time
To dF/F
0 < ± 5 x 10
-8
referred to F
0 after 1 hour
≤ 10 min.
Output signal type
Sine wave
Initial output level
≥ +3 dBm
Output load impedance:
50 Ohm
Harmonics:
≤ -30 dBc
Typical Phase Noise
10 Hz
≤ -130 dBc/Hz
100 Hz
≤ -150 dBc/Hz
1 kHz
≤ -155 dBc/Hz
10 kHz
≤ -165 dBc/Hz
100 kHz
≤ -165 dBc/Hz
Temperature Ranges
Operating
-40 °C ... +75 °C
Storage
-40 °C ... +85 °C
Package #
349
Port Configuration
Control
Voltage In V
C
Reference
Voltage V
REF
Supply
Voltage V
s
RF
Output
GND.,
Case
1
2
3
4
5


Similar Part No. - OXO10-1-349

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
OXO10-1-348 SYNERGY-OXO10-1-348 Datasheet
434Kb / 2P
   OVEN CONTROLLED crystal OSCILLATOR
More results

Similar Description - OXO10-1-349

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com