Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R08A2 Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM59R08A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R08A2 Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM59R08A2 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
9
Ver.B
SM59R16A2/SM59R08A2
06/2009
Register
Location
Reset value
Description
CCH2
C5h
00h
Compare/Capture Register 2, high byte
CCL3
C6h
00h
Compare/Capture Register 3, low byte
CCH3
C7h
00h
Compare/Capture Register 3, high byte
T2CON
C8h
00h
Timer 2 Control
CRCL
CAh
00h
Compare/Reload/Capture Register, low byte
CRCH
CBh
00h
Compare/Reload/Capture Register, high byte
TL2
CCh
00h
Timer 2, low byte
TH2
CDh
00h
Timer 2, high byte
PSW
D0h
00h
Program status word
BRGS
D8h
00h
Baud rate generator switch
ACC
E0h
00h
Accumulator
P4
E8h
FFh
Port 4
MD0
E9h
00h
Multiplication/Division Register 0
MD1
EAh
00h
Multiplication/Division Register 1
MD2
EBh
00h
Multiplication/Division Register 2
MD3
ECh
00h
Multiplication/Division Register 3
MD4
EDh
00h
Multiplication/Division Register 4
MD5
EEh
00h
Multiplication/Division Register 5
ARCON
EFh
00h
Arithmetic Control register
B
F0h
00h
B register
SPIC1
F1h
08h
SPI control register 1
SPIC2
F2h
00h
SPI control register 2
SPITxD
F3h
00h
SPI transmit data buffer
SPIRxD
F4h
00h
SPI receive data buffer
SPIS
F5h
40h
SPI status register
IICS
F8h
00h
IIC status register
IICCTL
F9h
04h
IIC control register
IICA1
FAh
A0h
IIC Address 1 register
IICA2
FBh
60h
IIC Address 2 register
IICRWD
FCh
00h
IIC Read/Write register


Similar Part No. - SM59R08A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
More results

Similar Description - SM59R08A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com