Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1037 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC1037
Description  3.1 - 3.5 GHz 16W HPA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1037 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1037 Datasheet HTML 1Page - Transcom, Inc. TC1037 Datasheet HTML 2Page - Transcom, Inc. TC1037 Datasheet HTML 3Page - Transcom, Inc. TC1037 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC1037
PRE.1_20060621
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Shanhua Jen, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
TYPICAL CHARACTERISTICS
Pout VS Freq. & Gain VS Freq.
27
29
31
33
35
37
39
41
43
45
47
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
Frequency (GHz)
16
18
20
22
24
26
28
30
32
34
36
Pout
Gain→


Similar Part No. - TC1037

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1037 MICROCHIP-TC1037 Datasheet
481Kb / 18P
   Linear Building Block . Single Comparator in SOT Packages
2002
TC1037CECT MICROCHIP-TC1037CECT Datasheet
481Kb / 18P
   Linear Building Block . Single Comparator in SOT Packages
2002
More results

Similar Description - TC1037

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
Transcom, Inc.
TA031-035-30-30 TRANSCOM-TA031-035-30-30 Datasheet
17Kb / 1P
   3.1 - 3.5 GHz 1W Amplifier
logo
WOLFSPEED, INC.
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
logo
Transcom, Inc.
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
   3.1 - 3.5 GHz LNA Module
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
   3.1 - 3.5 GHz 20 W Amplifier
logo
M/A-COM Technology Solu...
XL1007-QT MA-COM-XL1007-QT Datasheet
601Kb / 8P
   3.5-8.0 GHz GaAs MMIC
MAFR-000514-000001 MA-COM-MAFR-000514-000001 Datasheet
93Kb / 2P
   Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
logo
WOLFSPEED, INC.
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_09 Datasheet
611Kb / 8P
   3.5-8.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com