Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCW1732F-120R Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SCW1732F-120R
Description  Instrument Laser Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SCW1732F-120R Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SCW1732F-120R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SCW1732F-120R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDI Document #10-4400-0034 Rev. B 1/13/09
14-pin Butterfly Package and 14-pin DIP Package F Series and G Series
F Series (Floating Thermistor)
G Series (Ground Thermistor)
Pin
Function
Pin
Function
1
cooler anode (+)
*
1
cooler anode (+)
*
2,3,4,6,7,8,13
no connection
2,3,4,6,7,8,12,13
no connection
5
laser anode (+), ground
5
laser anode (+), ground
9
laser cathode (-)
9
laser cathode (-)
10
ground
10
ground, thermistor
11,12
thermistor
*
11
thermistor
*
14
cooler cathode (-)
*
14
cooler cathode (-)
*
*Cooled Package Only. No connection for uncooled pkg.
14-pin Butterfly Package
14-Pin DIP Package
Coaxial Package
Detailed package drawings are available upon request.
Part Numbering Diagram
Products can be ordered directly from Laser Diode Incorporated or its representatives. When ordering, refer to the information below.
For a complete listing of representatives, visit our website at www.laserdiode.com
PIN
Function
1
Laser cathode (-)
2
Laser anode (+)/ Ground
3
No Connection
Personal Hazard and Handling Precautions:
Handle optical fiber with normal care, avoiding
stretch, tension, twist, kink or bend abuse. ESD precautions
apply. Normal aversion reactions will protect from radiation
hazards to the eye associated with devices of this kind.
1310nm lasers are Class 3R; higher wavelengths
are Class 1 lasers when operated at rated conditions.
Warranty:
Please refer to your product purchase
agreement for complete details or check
with your Laser Diode sales representative.
Notice:
Laser Diode Incorporated reserves
the right to make changes to the
products or information contained
herein without notice. No liability is
assumed as a result of their use or application.
TOP VIEW
BOTTOM VIEW


Similar Part No. - SCW1732F-120R

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW12 MEANWELL-SCW12 Datasheet
163Kb / 1P
   12W DC-DC Regulated Single Output Converter
SCW12 MEANWELL-SCW12 Datasheet
165Kb / 1P
   12W DC-DC Regulated Single Output Converter
SCW12A-05 MEANWELL-SCW12A-05 Datasheet
163Kb / 1P
   12W DC-DC Regulated Single Output Converter
SCW12A-05 MEANWELL-SCW12A-05 Datasheet
165Kb / 1P
   12W DC-DC Regulated Single Output Converter
SCW12A-12 MEANWELL-SCW12A-12 Datasheet
163Kb / 1P
   12W DC-DC Regulated Single Output Converter
More results

Similar Description - SCW1732F-120R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
   Telecom / Datacom Laser Modules
logo
Roithner LaserTechnik G...
ADL-65074TR ROITHNER-ADL-65074TR Datasheet
351Kb / 2P
   Automobile DVD Bar code readers High reliability laser instrument
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Roithner LaserTechnik G...
SQ50X34 ROITHNER-SQ50X34 Datasheet
68Kb / 1P
   Heat Sink for DPSS Laser Modules
logo
Toshiba Semiconductor
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
   Measurement Instrument
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
   Measurement Instrument
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
   Measurement Instrument
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
   Instrument Knobs
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
   Measuring instrument
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com