Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3873 Datasheet(PDF) 3 Page - Transcom, Inc.

Part # TC3873
Description  5.25 - 5.875 GHz 3W prematched FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3873 Datasheet(HTML) 3 Page - Transcom, Inc.

  TC3873 Datasheet HTML 1Page - Transcom, Inc. TC3873 Datasheet HTML 2Page - Transcom, Inc. TC3873 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

TC3873
PRE2_20081024

TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3/3
Evaluation Board Parts List
Qt'y
Description
Reference
Designator
Manufacturer
Inventory ID
ij Öûü³Öô³»ÃÉÃƼ³ÄÁËãÙ±ÃÁÅÈãÙ³
Öüij
àôô³
ÚåàÆÌÖâÚÄåËÖÈÃé³
ų Öûü³Öô³»ÃÉÃƼ³ÄÃÃãٱȸ³
ÖüÅ¿³ÖƳ
àôô³
ÚåàÆÌëÊåÄÃÄÞÈÃé³
Ƴ Öûü³Öô³»ÃÉÃƼ³ÄÃÃÃãٱȸ³
ÖüÆ¿³ÖüÇ¿³Ödz àôô³
ÚåàÆÌëÊåÄÃÅÞÈÃé³
ij Öûü³åøü³»ÃÉÃƼ³ÄÅ]ȸ³
åúij
³
³
ij Öûü³åøü³»ÃÉÃƼ³ÄÞ]ȸ³
åúų
³
³
ij Öûü³åøü³»ÃÉÃƼ³Ã]ȸ³
åúƳ
³
³
ų Öûü³åøü³»ÃÉÃƼ³ÈÄÃ]ȸ³
åúÇ¿³åúȳ
³
³
ij Öûü³åøü³»ÃÉÃƼ³ÄÃÃ]ȸ³
åúɳ
³
³
ij çûø ü³»ÃÇÃż³ÄÃó±È¸³
åúʳ
³
³
ij æàç³çü
ø³ãøü øø³»ÆÁýÆÁÃ
¼³ÄÞ³ éåij
³
³
ij ãá㿳ÙààçÅÌÃÊÔ³»æâçÀÅƼ³
äij
³
³
ij Öûü³Öô³»ÃËÃȼ³ÃÁÅãÙ±ÃÁÄãÙ
Öij
ÔçÖ³
ÔçÖ³ÉÃÃÙ³ÃåÅÕç³»ÃÁÅÙ±ÃÁÄÙ³ÅÈÃêé×Ö¼³ ³
ij Öûü³Öô³»ÃÉÃƼ³ÅÁÅãÙ±ÃÁÅÈãÙ³
Öų
àôô³
ÚåàÆÌÖâÚÅåÅÖÈÃé³
ij
Öûü³Öô³»ÄÅÄü³ÄÃÙ±Åø³³³³³³³³³³³³³³³³³
³
»³³Öûü³Öô³»ÄÅÃɼÄÃÙ±Åø¼³
Öȳ
àôô³
ÚåàÇÅÀÉìÈéÄÃÉíÅÈé³³ÚåàÆÄÖÙÈØÄÃÉíÔÃÄß³


Similar Part No. - TC3873

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC387 INFINEON-TC387 Datasheet
16Mb / 416P
   32-Bit Single-Chip Microcontroller
V 1.2, 2021-03
logo
Transcom, Inc.
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
   7 W Packaged Single-Bias PHEMT GaAs Power FETs
More results

Similar Description - TC3873

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3989A TRANSCOM-TC3989A Datasheet
31Kb / 1P
   5.0 GHz 37 dBm Prematched FETs
TC3989 TRANSCOM-TC3989 Datasheet
77Kb / 3P
   5.8 GHz 35.5 dBm Prematched FETs
logo
Johanson Technology Inc...
5250AT43A200 JOHANSON-5250AT43A200 Datasheet
416Kb / 5P
   5.25 GHz Antenna
5250BL14B100 JOHANSON-5250BL14B100 Datasheet
87Kb / 2P
   5.25 GHz Balun
logo
Transcom, Inc.
TC3953 TRANSCOM-TC3953 Datasheet
83Kb / 2P
   1 W Single-Bias GaAs Power PHEMTs prematched for 5~8 GHz
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
XP1048-QJ MIMIX-XP1048-QJ Datasheet
376Kb / 8P
   3.3-3.8 GHz HFET 3W Linear Power Amplifier
logo
Transcom, Inc.
TC2997G TRANSCOM-TC2997G Datasheet
141Kb / 3P
   3.5 GHz 16WFlange Ceramic Packaged GaAs Power FETs
logo
Advantech Co., Ltd.
IDT-5101 ADVANTECH-IDT-5101 Datasheet
109Kb / 1P
   Accessories 5.25 Industrial Disk Tray
1-Mar-2007
EBPC-5250 ADVANTECH-EBPC-5250 Datasheet
768Kb / 2P
   Embedded Industrial Chassis for 5.25" SBCs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com