Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3662-QDG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHR3662-QDG
Description  7-16GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3662-QDG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHR3662-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHR3662-QDG Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7-16GHz Down Converter
CHR3662-QDG
Ref.: DSCHR3662-QDG9169 - 18 Jun 09
7/16
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
V2=V3=+0.5V
V2=V3=-1.5V
Image rejection @ Freq_IF= 2GHz, V2=V3=-1.5V
versus temperature
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
6
8
10
12
14
16
18
LO frequency (GHz)
-40°C
+25°C
+85°C
Noise figure @ Freq_IF= 2GHz
versus gain & temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
6,00
8,00
10,00
12,00
14,00
16,00
18,00
RF frequency (GHz)
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
Rem: The losses due to board are removed for noise measurements.


Similar Part No. - CHR3662-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3662-QDG UMS-CHR3662-QDG Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
More results

Similar Description - CHR3662-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
   GaAs Monolithic Microwave IC in SMD leadless package
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
CHC2442-QPG UMS-CHC2442-QPG Datasheet
1Mb / 18P
   Monolithic Microwave IC in SMD leadless package
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
CHT4016 UMS-CHT4016 Datasheet
1Mb / 10P
   4-16GHz 6-BIT DIGITAL ATTENUATOR GaAs Monolithic Microwave IC
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
   12-16GHz Integrated Down Converter
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com