Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16V794 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16V794
Description  HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V794 Datasheet(HTML) 5 Page - Exar Corporation

  XR16V794_08 Datasheet HTML 1Page - Exar Corporation XR16V794_08 Datasheet HTML 2Page - Exar Corporation XR16V794_08 Datasheet HTML 3Page - Exar Corporation XR16V794_08 Datasheet HTML 4Page - Exar Corporation XR16V794_08 Datasheet HTML 5Page - Exar Corporation XR16V794_08 Datasheet HTML 6Page - Exar Corporation XR16V794_08 Datasheet HTML 7Page - Exar Corporation XR16V794_08 Datasheet HTML 8Page - Exar Corporation XR16V794_08 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
XR16V794
5
REV. 1.0.1
HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL BAUD RATE
NOTE: Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
TX3
28
O
UART channel 3 Transmit Data or infrared transmit data. Normal TXD output idles
HIGH while infrared TXD output idles LOW.
RX3
21
I
UART channel 3 Receive Data or infrared receive data. Normal RXD input idles
HIGH while infrared RXD input idles LOW. In the infrared mode, the polarity of the
incoming RXD signal can be selected via FCTR bit-4. If this bit is a logic 0, a LOW
on the RXD input is considered a mark and if this bit is a logic 1, a HIGH on the
RXD input is considered a space.
RTS3#
26
O
UART channel 3 Request to Send or general purpose output (active low). See
description of RTS0# pin.
CTS3#
22
I
UART channel 3 Clear to Send or general purpose input (active low).d. See
description of CTS0# pin.
DTR3#
27
O
UART channel 3 Data Terminal Ready or general purpose output (active low). See
description of DTS0# pin.
DSR3#
23
I
UART channel 3 Data Set Ready or general purpose input (active low). See
description of DSR0# pin.
CD3#
24
I
UART channel 3 Carrier Detect or general purpose input (active low).
RI3#
25
I
UART channel 3 Ring Indicator or general purpose input (active low).
ANCILLARY SIGNALS
XTAL1
50
I
Crystal or external clock input. Caution: this input is not 5V tolerant.
XTAL2
49
O
Crystal or buffered clock output.
TMRCK
31
I
16-bit timer/counter external clock input.
ENIR
32
I
Infrared mode enable (active high). This pin is sampled during power up, following
a hardware reset (RST#) or soft-reset (register RESET). It can be used to start up
all 4 UARTs in the infrared mode. The sampled logic state is transferred to MCR bit-
6 in the UART.
RST#
20
I
Reset (active low). The configuration and UART registers are reset to default val-
ues, see
Table 19.
16/68#
19
I
Intel or Motorola data bus interface select. HIGH selects Intel bus interface and
LOW selects Motorola interface. This input affects the functionality of IOR#, IOW#
and CS# pins.
VCC
9,30,52
+2.25V to 3.6V supply with 5V tolerant serial (modem) inputs.
GND
10,29,51
Power supply common, ground.
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR16V794_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V794IV EXAR-XR16V794IV Datasheet
1Mb / 53P
   HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
More results

Similar Description - XR16V794_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V794 EXAR-XR16V794 Datasheet
1Mb / 53P
   HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
XR16V798 EXAR-XR16V798_08 Datasheet
1Mb / 56P
   HIGH PERFORMANCE 2.25V TO 3.6V OCTAL UART WITH FRACTIONAL
XR16V798 EXAR-XR16V798 Datasheet
1Mb / 56P
   HIGH PERFORMANCE 2.25V TO 3.6V OCTAL UART WITH FRACTIONAL BAUD RATE
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com