Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-0101-DXD-DAEM Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MD-0101-DXD-DAEM
Description  GPS Disciplined Oscillator Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0101-DXD-DAEM Datasheet(HTML) 1 Page - Vectron International, Inc

  MD-0101-DXD-DAEM Datasheet HTML 1Page - Vectron International, Inc MD-0101-DXD-DAEM Datasheet HTML 2Page - Vectron International, Inc MD-0101-DXD-DAEM Datasheet HTML 3Page - Vectron International, Inc MD-0101-DXD-DAEM Datasheet HTML 4Page - Vectron International, Inc MD-0101-DXD-DAEM Datasheet HTML 5Page - Vectron International, Inc MD-0101-DXD-DAEM Datasheet HTML 6Page - Vectron International, Inc MD-0101-DXD-DAEM Datasheet HTML 7Page - Vectron International, Inc MD-0101-DXD-DAEM Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
MD-010
GPS Disciplined Oscillator Module
Former Model C6300
The MD010 is a Vectron standard platform module that provides 1 pps TTL,10 MHz sine wave and 10 MHz square wave outputs that are
disciplined to an external 1pps reference. Internal to the module is a Vectron oscillator, ranging from a TCXO to a double oven OCXO, dependent
upon performance requirements. Internal oscillators are capable of achieving an aging rate less as high as than 0.1ppb/day and stability
over the operating temperature range of less than 0.2ppb. In addition to the 7 standard models included in this data sheet, due to Vectron’s
extensive portfolio of oscillators and a firmware driven architecture, Vectron can customize a solution for your specific application.
Embedded GPS Receiver
1pps TTL output signals standard
10MHz sinewave and square wave outputs standard
Other output frequencies available
Embedded oscillator dependent upon holdover requirements
Serial communications interface standard
3G Basestations (WCDMA, CDMA2000)
LTE
WiMAX Basestations
Digital Video Broadcast
E911 Location Systems
General Timing and Synchronization
Military Radio
Features
Block Diagram
Applications
MD-010
Quartz Oscillator
(OCXO or TCXO)
Processor/
Controller
Output
Frequency
Generation
1PPS
Output
RF Output
(10 MHz standard
- other frequencies
available)
Serial
Communications
Interface
Figure 1. Functional Block Diagram
Output Locked
Module OK
Hardware
Reset
Manual
Holdover
1PPS Input
(Optional - other
input options
available)


Similar Part No. - MD-0101-DXD-DAEM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
More results

Similar Description - MD-0101-DXD-DAEM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
   Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
   High Stability GNSS Disciplined Oscillator Module
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com