Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-0111-DXE-DAEM Datasheet(PDF) 8 Page - Vectron International, Inc

Part # MD-0111-DXE-DAEM
Description  GPS Disciplined Oscillator Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0111-DXE-DAEM Datasheet(HTML) 8 Page - Vectron International, Inc

  MD-0111-DXE-DAEM Datasheet HTML 1Page - Vectron International, Inc MD-0111-DXE-DAEM Datasheet HTML 2Page - Vectron International, Inc MD-0111-DXE-DAEM Datasheet HTML 3Page - Vectron International, Inc MD-0111-DXE-DAEM Datasheet HTML 4Page - Vectron International, Inc MD-0111-DXE-DAEM Datasheet HTML 5Page - Vectron International, Inc MD-0111-DXE-DAEM Datasheet HTML 6Page - Vectron International, Inc MD-0111-DXE-DAEM Datasheet HTML 7Page - Vectron International, Inc MD-0111-DXE-DAEM Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Notes
Holdover and aging performance is after 7 days of power-on time.
1)
Temperature stabilities applyt o -20 to +70 ˚C modules. For other temperatures the temperature stability will
2)
vary, however the hold over values over defined temperature ranges remain constant.
24 hour average when locked to GPS
3)
The status locked indicator is intended to indicate when the module is fully locked to GPS.
4)
The Hardware OK indicator is intended to indicate when the module is operating properly without any failures,
5)
including hardware, software or parameter out of range. See protocol for further information.
Open collector input bit.
6)
If the minimum supply current is not exceeded, the Antenna Open Flag will be set. Over current will be set if
7)
maximum is exceeded. Circuit has overcurrent protection.
The Rx pin is the serial interface input and the Tx pin is the serial interface output. The serial interface shall
8)
operate at 9600 baud with eight (8) data bits, one (1) stop bit and no parity.
This holdover performance also applies to the temperature deviation over the entire operating range of -20 to
9)
+70˚C.
Application Notes
Holdover Contributions and Calculations - please contact factory
1)
Vectron Discipline and Hold Over Process and Algorithms - please contact factory
2)
Utilizing Disciplined Oscillators as Frequency References - please contact factory
3)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 100509 dmc
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.801.100
Fax: +49 (0) 7268.801.282
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
8


Similar Part No. - MD-0111-DXE-DAEM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXE-TCXO VECTRON-MD-0100-DXE-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXJ-TCXO VECTRON-MD-0100-DXJ-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXT-TCXO VECTRON-MD-0100-DXT-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
More results

Similar Description - MD-0111-DXE-DAEM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
   Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
   High Stability GNSS Disciplined Oscillator Module
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com