Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX-040-2-BET-400 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # DX-040-2-BET-400
Description  Oven Controlled Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DX-040-2-BET-400 Datasheet(HTML) 1 Page - Vectron International, Inc

  DX-040-2-BET-400 Datasheet HTML 1Page - Vectron International, Inc DX-040-2-BET-400 Datasheet HTML 2Page - Vectron International, Inc DX-040-2-BET-400 Datasheet HTML 3Page - Vectron International, Inc DX-040-2-BET-400 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DX-040
Oven Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Ultra-High Stability
Excellent Temperature Stability
SC-Cut Crystal
Previous Model: C4700, 4895, OC-050, CO-330
Frequency Range: 4 MHZ to 15 MHZ
CDMA2000 and UMTS Base Stations
Test and Measurement Equipment
Features
Applications
Description
DX-040
Frequency Stabilities1
Parameter
Min
Typ
Max
Units
Condition
vs. operating temperature range (refer-
enced to +25°C)
-0.4
-0.2
-0.4
+0.4
+0.2
+0.4
ppb
ppb
ppb
-0… +70°C
-0… +70°C
-20… +70°C
Warm-up Time
5
minutes
to ± 10 ppb of nal frequency (1 hour) @25°C
Initial Tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / 1 year
vs. aging / year (following years)
-50
-0.1
-0.1
-0.5
-20
-10
+50
+0.1
+0.1
+0.5
+20
+10
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 72 hours of operation
after 72 hours of operation
Supply Voltage (Vs)
Supply voltage (Standard)
11.4
12.0
12.6
VDC
Supply voltage (Option)
4.75
5.0
5.25
VDC
Performance Speci cations


Similar Part No. - DX-040-2-BET-400

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
DX-040 VECTRON-DX-040 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - DX-040-2-BET-400

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com