Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-0113-BXT-OCXO Datasheet(PDF) 4 Page - Vectron International, Inc

Part # MD-0113-BXT-OCXO
Description  GPS Disciplined Oscillator Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0113-BXT-OCXO Datasheet(HTML) 4 Page - Vectron International, Inc

  MD-0113-BXT-OCXO Datasheet HTML 1Page - Vectron International, Inc MD-0113-BXT-OCXO Datasheet HTML 2Page - Vectron International, Inc MD-0113-BXT-OCXO Datasheet HTML 3Page - Vectron International, Inc MD-0113-BXT-OCXO Datasheet HTML 4Page - Vectron International, Inc MD-0113-BXT-OCXO Datasheet HTML 5Page - Vectron International, Inc MD-0113-BXT-OCXO Datasheet HTML 6Page - Vectron International, Inc MD-0113-BXT-OCXO Datasheet HTML 7Page - Vectron International, Inc MD-0113-BXT-OCXO Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications
Lock Status Indicator (Pin 9)4
Parameter
Min
Typical
Max
Units
Condition
Module Locked
4.5
5.0
VDC
<5mA Load, 12 V supply model
3.0
3.3
VDC
<5mA Load, 5V supply model
Module Not Locked
0
0.5
VDC
<5mA Load, 12 V Supply model
0
0.3
VDC
<5mA Load, 5V supply model
Module Hardware OK Indicator (Pin 10)5
Module Hardware OK
4.5
5.0
VDC
<5mA Load, 12 V supply model
3.0
3.3
VDC
<5mA Load, 5V supply model
Module Hardware Failure
0
0.5
VDC
<5mA Load, 12 V Supply model
0
0.3
VDC
<5mA Load, 5V supply model
Module Hardware Reset (Pin 12) 6
Reset Module
0
0.5
VDC
2 kOhm internal pullup
0
0.3
VDC
2 kOhm internal pullup
Manual Holdover Set (Pin 11) 7
Enter Manual Holdover
0
0.5
VDC
2 kOhm internal pullup
0
0.3
VDC
2 kOhm internal pullup
Serial Communications Interface8
Rx high-level input voltage (VIH)
4.5
5.5
VDC
12 V supply model
3.0
3.3
VDC
5 V supply model
Rx low-level input voltage (VIL)
-0.5
0.0
0.5
VDC
12 V supply model
-0.3
0.0
0.3
VDC
5 V supply model
Tx high-level output voltage (VOH)
4.5
5.0
VDC
12 V supply model
3.0
3.3
VDC
5 V supply model
Tx low-level output voltage (VOL)
-0.5
0.0
0.5
VDC
12 V supply model
-0.3
0.0
0.3
VDC
5 V supply model
Update rate
1
Hz
User configurable from 0 to 255 seconds
Communications Protocol
Vectron Binary/NMEA 0183
See MD-010/MD-011Command List for
Full Details
Pulse width7
10
uSec
Supply Voltage (Pin 7,15,16)
Supply voltage
+11.4
+12
+12.6
VDC
12 V supply models
+4.75
+5
+5.25
VDC
5 V supply models
Absolute Maximum Ratings
Supply voltage (VS)
15
VDC
12 V supply models
7.5
VDC
5 V supply models
Dc voltage on any I/O pin
5.5
V
Output load
10
Ohms
AC ripple
50
mVpk-pk
10Hz to 1MHz
4
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - MD-0113-BXT-OCXO

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXE-TCXO VECTRON-MD-0100-DXE-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXJ-TCXO VECTRON-MD-0100-DXJ-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXT-TCXO VECTRON-MD-0100-DXT-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
More results

Similar Description - MD-0113-BXT-OCXO

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
   Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
   High Stability GNSS Disciplined Oscillator Module
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com