Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-702-ECT-KBA Datasheet(PDF) 5 Page - Vectron International, Inc

Part # PS-702-ECT-KBA
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-702-ECT-KBA Datasheet(HTML) 5 Page - Vectron International, Inc

  PS-702-ECT-KBA Datasheet HTML 1Page - Vectron International, Inc PS-702-ECT-KBA Datasheet HTML 2Page - Vectron International, Inc PS-702-ECT-KBA Datasheet HTML 3Page - Vectron International, Inc PS-702-ECT-KBA Datasheet HTML 4Page - Vectron International, Inc PS-702-ECT-KBA Datasheet HTML 5Page - Vectron International, Inc PS-702-ECT-KBA Datasheet HTML 6Page - Vectron International, Inc PS-702-ECT-KBA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow
simulation. The PS-702 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500V
MIL-STD-883, Method 3015
Man Man Model
200V
V/JESD22-A115-A
Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t
S
60 sec Min, 180 sec Max
Ramp Up
R
UP
3 °C/sec Max
Time Above 217 °C
t
L
60 sec Min, 150 sec Max
Time To Peak Temperature
T
AMB-P
480 sec Max
Time at 260 °C
t
P
20 sec Min, 40 sec Max
Ramp Down
R
DN
6 °C/sec Max
Although ESD protection circuitry has been designed into the PS-702 proper precautions should be taken when handling and
mounting. VI employs a human body model (HBM) and a charged device model (CDM) for ESD susceptibility testing and design
protection evaluation.
The device is qualified to meet the JEDEC standard for
Pb-Free assembly. The temperatures and time intervals
listed are based on the Pb-Free small body requirements.
The PS-702 device is hermetically sealed so an aqueous
wash is not an issue.
Termination Plating:
Electroless Gold Plate over Nickel Plate
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page5 of 7
Rev: 08May2009


Similar Part No. - PS-702-ECT-KBA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - PS-702-ECT-KBA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com