Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-0113-DXT-DAOC Datasheet(PDF) 7 Page - Vectron International, Inc

Part # MD-0113-DXT-DAOC
Description  GPS Disciplined Oscillator Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0113-DXT-DAOC Datasheet(HTML) 7 Page - Vectron International, Inc

  MD-0113-DXT-DAOC Datasheet HTML 1Page - Vectron International, Inc MD-0113-DXT-DAOC Datasheet HTML 2Page - Vectron International, Inc MD-0113-DXT-DAOC Datasheet HTML 3Page - Vectron International, Inc MD-0113-DXT-DAOC Datasheet HTML 4Page - Vectron International, Inc MD-0113-DXT-DAOC Datasheet HTML 5Page - Vectron International, Inc MD-0113-DXT-DAOC Datasheet HTML 6Page - Vectron International, Inc MD-0113-DXT-DAOC Datasheet HTML 7Page - Vectron International, Inc MD-0113-DXT-DAOC Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Ordering Information Instructions
The MD-011 series of GPS disciplined oscillators has multiple options with embedded OCXOs, Double OCXOs, EMXOs and TCXOs. Options
are created to optimize customer hold over requirements while meeting pricing needs. Customization to unique customer requirements
is available and is common for this level of integration. Common customizations include alternate output frequencies, temperature ranges,
differing values and methods of hold over specification, and holdover optimization in the frequency domain. Not all combinations of codes are
available. The table below lists exisiting combinations available as of the date of publication of this data sheet. Please contact the factory for
additional options.
7
Available Models (standard models highlighted)
MD-0110-DXD-TCXO-10M0000000
MD-0112-DXD-HPTC-10M0000000
MD-0111-DXD-EMXO-10M0000000
MD-0110-DXE-TCXO-10M0000000
MD-0112-DXE-HPTC-10M0000000
MD-0111-DXE-EMXO-10M0000000
MD-0110-DXJ-TCXO-10M0000000
MD-0112-DXJ-HPTC-10M0000000
MD-0111-DXJ-EMXO-10M0000000
MD-0110-DXT-TCXO-10M0000000
MD-0112-DXT-HPTC-10M0000000
MD-0111-DXT-EMXO-10M0000000
MD-0111-DXD-DAEM-10M0000000
MD-0113-DXD-OCXO-10M0000000
MD-0113-DXD-DAOC-10M0000000
MD-0111-DXE-DAEM-10M0000000
MD-0113-DXE-OCXO-10M0000000
MD-0113-DXE-DAOC-10M0000000
MD-0111-DXJ-DAEM-10M0000000
MD-0113-DXJ-OCXO-10M0000000
MD-0113-DXJ-DAOC-10M0000000
MD-0111-DXT-DAEM-10M0000000
MD-0113-DXT-OCXO-10M0000000
MD-0113-DXT-DAOC-10M0000000
MD-0113-BXJ-OCXO-10M0000000
MD-0113-BXT-OCXO-10M0000000
MD-0114-DXJ-DOCX-10M0000000
MD-0114-DXT-DOCX-10M0000000
Vectron Partnumber
Description
MD-011-EK
MD-011X-XXX-XXXX Module with Evaluation Kit
C6001A1-0001
GPS Timing Antenna, Active, +5Vdc
C6001A1-0002
Antenna Cable, 10 meter length, N-Plug to SMA Plug
Accessories
Ordering Information
MD - 011 3 - B X J - OCXO - 10M0000000
Product Family
MD: Precision Modules
Package
65x115mm
Height
0: 11 mm
1: 11.8 mm
2: 13 mm
3: 19.5 mm
4: 21.3mm
5: 25 mm
6: 30 mm
Supply Voltage
A: + 15V
B: +12V
D: +5V
Embedded Oscillator
TCXO (Temperature Compensated XO)
HPTC (High Precision TCXO)
EMXO (Evacuated Miniaturized Oven Controlled XO)
DAEM (Digitally Assisted EMXO)
OCXO (Oven Controlled XO)
DAOC (Digitally Assisted OCXO)
DOCX (Double Oven Controlled XO)
Frequency
RF Output Code
X: standard outputs
per specification
Temperature Range
D: -40°C to +70°C
E: -40°C to +85°C
J: -20°C to +70°C
T: 0°C to +70°C


Similar Part No. - MD-0113-DXT-DAOC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXE-TCXO VECTRON-MD-0100-DXE-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXJ-TCXO VECTRON-MD-0100-DXJ-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXT-TCXO VECTRON-MD-0100-DXT-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
More results

Similar Description - MD-0113-DXT-DAOC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
   Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
   High Stability GNSS Disciplined Oscillator Module
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com