Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-2800-EAE-807 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-2800-EAE-807
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-2800-EAE-807 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-2800-EAE-807 Datasheet HTML 1Page - Vectron International, Inc TX-2800-EAE-807 Datasheet HTML 2Page - Vectron International, Inc TX-2800-EAE-807 Datasheet HTML 3Page - Vectron International, Inc TX-2800-EAE-807 Datasheet HTML 4Page - Vectron International, Inc TX-2800-EAE-807 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TX-280
Temperature Compensated Crystal Oscillator
Vectron International has introduced a series of surface mount, Temperature Compensated Crystal Oscillators (TCXO) available in
The TX-280 surface mount TCXO’s can be mounted using the standard convection re ow process. The units can meet the ±0.37
holdover requirement of GR-1244-CORE table 3-1 from 0 °C to +70 °C temperature range and operate from 3.3V or 5.0V supply.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Stratum 3 Compliant
Tight Stability
Low Aging
Frequency Range: 10 MHZ to 622 MHZ
Previous Model: MC1200, TC-210
SONET/SDH
Synthesizers
Optimized for Semtech SONET / SDH
Synchronization Sets
Features
Applications
Description
TX-280
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-0.8
-0.28
-0.8
-0.28
-0.28
+0.8
+0.28
+0.8
+0.28
+0.28
ppm
ppm
ppm
ppm
ppm
-40… +85°C
-30… +85°C
-20… +70°C
-20… +70°C
0… +50°C
Initial Tolerance (w\ xed frequency)
vs. supply voltage change
vs. load change
vs. aging / 15 years
Overall Tolerance
-1.5
-0.1
-0.1
-2.5
-4.6
+1.5
+0.1
+0.1
+2.5
+4.6
ppm
ppm
ppm
ppm
ppm
at time of shipment, No EFC
Vs ± 5%
Load ± 10%
*Stratum 3 per GR-1244-CORE:
<±4.6 ppm for all causes and 15
years aging, Holdover: <±0.37
ppm over 24 hours
Supply Voltage (Vs)
Supply voltage (Standard)
3.135
3.3
3.465
VDC
Supply voltage (Option)
4.75
5.0
5.25
VDC
Performance Speci cations


Similar Part No. - TX-2800-EAE-807

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TX-2-5-1 MINI-TX-2-5-1 Datasheet
228Kb / 1P
   RF Transformer
TX-2-5-1++ MINI-TX-2-5-1+ Datasheet
228Kb / 1P
   RF Transformer
logo
SYNERGY MICROWAVE CORPO...
TX-204 SYNERGY-TX-204 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TX-205 SYNERGY-TX-205 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TX-206 SYNERGY-TX-206 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
More results

Similar Description - TX-2800-EAE-807

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com