Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-801-EAW-E Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VC-801-EAW-E
Description  CMOS Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-801-EAW-E Datasheet(HTML) 4 Page - Vectron International, Inc

  VC-801-EAW-E Datasheet HTML 1Page - Vectron International, Inc VC-801-EAW-E Datasheet HTML 2Page - Vectron International, Inc VC-801-EAW-E Datasheet HTML 3Page - Vectron International, Inc VC-801-EAW-E Datasheet HTML 4Page - Vectron International, Inc VC-801-EAW-E Datasheet HTML 5Page - Vectron International, Inc VC-801-EAW-E Datasheet HTML 6Page - Vectron International, Inc VC-801-EAW-E Datasheet HTML 7Page - Vectron International, Inc VC-801-EAW-E Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page4
Performance Specifications
Table 3. Electrical Performance, 2.5V Option
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
2.25
2.5
2.75
V
Maximum Voltage
-0.5
5
V
Current2
≤20.000MHz
20.001 to 50.000MHz
50.001 to 75.000MHz
75.001 to 100.000MHz
100.001 to 125.000MHz
I
DD
5
7
20
25
30
mA
Current, Output Disabled
30
uA
Frequency
Nominal Frequency3
f
N
1.544
125.000
MHz
Stability4,
(Ordering Option)
±20, ±25, ±32, ±50, ±100
ppm
Outputs
Output Logic Levels2,3
Output Logic High
Output Logic Low
Output Logic High Drive
Output Logic Low Drive
Output Logic High Drive5
Output Logic Low Drive5
V
OH
V
OL
I
OH
I
OL
I
OH
I
OL
0.9*V
DD
4
4
8
8
0.1*V
DD
V
V
mA
mA
mA
mA
Load
I
OUT
15
pF
Output Rise /Fall Time2
<20.000MHz
20.000 to 50.000MHz
50.001 to 125.000MHz
t
R
/t
F
10
6
3
ns
Output Leakage, Output Disabled
I
Z
±10
uA
Duty Cycle2,6
45
50
55
%
Period Jitter7
RMS
Peak-Peak
фJ
3.0
21
ps
RMS Jitter, 12k-20MHz
фJ
0.5
1
ps
Enable/Disable
Output Enable/Disable8
Output Enable
Output Disable
V
IH
V
IL
1.75
0.5
V
V
Disable time
t
D
ns
Enable Internal Pull-Up Resistor
100
Kohm
Start-Up Time
t
SU
8ms
Operating Temp, (Ordering Option)
T
OP
-10/70 or -40/85
°C
The power supply should have by-pass capacitors as close to the supply and to ground as possible, for example 0.1 and 0.01uF.
1]
Parameters are tested with production test circuit below , Figure 1.
2]
See Standard Frequencies and Ordering Information tables for more specific information.
3]
Includes initial accuracy, operating temperature, supply voltage, shock and vibration (not under operation) and aging for 50 and 100ppm options.
4]
Overtone Designs, Output Frequencies >35Hz.
5]
Duty Cycle is measured as On Time/Period (Fig 2).
6]
Broadband Period Jitter measured using Wavecrest SIA3300C, 90K samples, see Application Note for Typical Phase Noise and Jitter Performance.
7]
The Output is Enabled if the Enable/Disable is left open.
8]
Specifications


Similar Part No. - VC-801-EAW-E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-801-EAW-KAAN VECTRON-VC-801-EAW-KAAN Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
More results

Similar Description - VC-801-EAW-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
   CMOS Crystal Oscillator
Revision B March 2023
logo
Vectron International, ...
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
   CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
VL-821-EAW-FA VECTRON-VL-821-EAW-FA Datasheet
209Kb / 7P
   CMOS Crystal Oscillator
logo
Epson Company
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com