Electronic Components Datasheet Search |
|
PX-4000-NAA-D Datasheet(PDF) 4 Page - Vectron International, Inc |
|
PX-4000-NAA-D Datasheet(HTML) 4 Page - Vectron International, Inc |
4 / 4 page Ordering Information Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Disclaimer Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Rev: 4/17/2009 daf For Additional Information, Please Contact USA: Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328 Europe: Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30 Asia: Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881 Notes: Contact factory for improved stabilities or additional product options. Not all options and codes are available at all 1. frequencies. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency 2. control voltage, load, temperature (25°C). Phase noise degrades with increasing output frequency. 3. Subject to technical modi cation. 4. Contact factory for availability. 5. PX - 400 0 - A A T - F K X S - 10M0000000 Product Family PX: PXO Package 13 x 20 mm Height 0: A 0.2” (4 pin) 1: A 0.2” (14 pin) Supply Voltage D: 5 Vdc E: 3.3 Vdc N: -5.2 Vdc R: -4.5 Vdc Accuracy Code B: ±10ppm D: ±15ppm F: ±25ppm K: ±50ppm Frequency Screening Option S: “S” Level screening B: “B” Level screening X: No Screening RF Output Code A: HCMOS, ACMOS B: TTL C: ECL, PECL, LVPECL Temperature Range A: -55°C to +85°C C: -55°C to +125°C P: 0°C to +50°C T: 0°C to +70°C Stability Code A: ±5ppm B: ±10ppm F: ±25ppm K: ±50ppm S: ±100ppm Enable Code X: No Option |
Similar Part No. - PX-4000-NAA-D |
|
Similar Description - PX-4000-NAA-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |