Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-5000-DFJ-256 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TX-5000-DFJ-256
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-5000-DFJ-256 Datasheet(HTML) 2 Page - Vectron International, Inc

  TX-5000-DFJ-256 Datasheet HTML 1Page - Vectron International, Inc TX-5000-DFJ-256 Datasheet HTML 2Page - Vectron International, Inc TX-5000-DFJ-256 Datasheet HTML 3Page - Vectron International, Inc TX-5000-DFJ-256 Datasheet HTML 4Page - Vectron International, Inc TX-5000-DFJ-256 Datasheet HTML 5Page - Vectron International, Inc TX-5000-DFJ-256 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RF Output
Supply Voltage (Vs)
Frequency stabilities1 [Stratum 3 TCXO]
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Parameter
Min
Typ
Max
Units
Operating temp range
vs. operating temperature range
-0.8
+0.8
ppm
-40 … +85°C
(Referenced to +25°C)
-0.28
+0.28
ppm
-30 … +85°C
-0.8
+0.8
ppm
-20 … +70°C
-0.28
+0.28
ppm
-20 … +70°C
-0.28
+0.28
ppm
0 … +50°C
Parameter
Min
Max
Units
Condition
Initial tolerance
-1.0
+1.0
ppm
at time of shipment,
vs. supply voltage change
-0.2
+0.2
ppm
nominal EFC
vs. load change
-0.1
+0.1
ppm
V
S ± 5%
vs. aging/ 20 years
-2.5
+2.5
ppm
Load ± 10%
overall tolerance
-4.6
+4.6
ppm
Note:
* Stratum 3 per GR-1244-CORE:
<±4.6 ppm for all causes and
20 years aging,Holdover:
<±0.37 ppm over 24 hours
Parameter
Min
Typ
Max
Units
Condition
Supply voltage [Standard]
3.135
3.3
3.465
VDC
Supply voltage [Option]
4.75
5
5.25
VDC
Current consumption
35
35
100
mA
mA
mA
steady state @ +25°C & 3.3VDC
steady state @ +25°C & 5.0VDC
steady state @ +25°C & PECL-Output
Parameter
Min
Typ
Max
Units
Condition
Signal [Standard]
HCMOS
Load
13.5
15
16.5
pF
Signal Level (Vol)
0.5
VDC
with Vs= 5.0V and 15pF load
0.3
VDC
with Vs=3.3V and 15pF load
Signal Level (Voh)
4.5
VDC
with Vs= 5.0V and 15pF load
3.0
VDC
with Vs=3.3V and 15pF load
Rise and Fall time
5
ns
Duty cycle
40
50
60
%
@ (Voh-Vol)/2
Signal [Option]
clipped Sinewave
> 12.288MHz
Load R
9
10
11
|| C
9
10
11
pF
Output power
0.7
V
pp
@ 10k
Ω ||10pF
Signal [Standard]
PECL
Load
50
Ω
to Vs-2V
Rise and Fall time
1
ns
20 to 80%
Duty cycle
45
50
55
%
TX-500
page: 2/6


Similar Part No. - TX-5000-DFJ-256

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TX-500 MICROSEMI-TX-500 Datasheet
852Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-500 VECTRON-TX-500_09 Datasheet
273Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-5000-DFJ-256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com