Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-2800-DAP-807 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TX-2800-DAP-807
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-2800-DAP-807 Datasheet(HTML) 2 Page - Vectron International, Inc

  TX-2800-DAP-807 Datasheet HTML 1Page - Vectron International, Inc TX-2800-DAP-807 Datasheet HTML 2Page - Vectron International, Inc TX-2800-DAP-807 Datasheet HTML 3Page - Vectron International, Inc TX-2800-DAP-807 Datasheet HTML 4Page - Vectron International, Inc TX-2800-DAP-807 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
Current consumption (depends on
frequency and output type)
15
15
70
mA
mA
mA
steady state @ +25°C & 3.3VDC
steady state @ +25°C & 5.0VDC
PECL
RF Output
Signal
HCMOS
Load
13.5
15
16.5
pF
Rise/Fall Time
5
ns
10% - 90%
Duty cycle
40
60
%
@ (Voh-Vol)/2
Signal
Sinewave
3.0 to 100 MHz
Load
50
ohm
Output Power (Standard)
0.0
+3.0
+6.0
dBm
Harmonics
-30
dBc
Spurious
-30
dBc
If applicable
Signal (custom number required)
PECL
Load
50
ohm
Into Vcc-2V or there in equivalent
Signal Level (Vol)
Vs
-1.62
V
-40...+85°C operating temp
Signal Level (Voh)
Vs
-1.025
V
-40...+85°C operating temp
Rise & Fall Times (measured @ 20%)
1000
600
ps
ps
<100 MHz
>= 100 MHz
Duty cycle
45
55
%
@ 50 % Vcc
Frequency Tuning (EFC)
Tuning Range
Fixed; No adjust
Tuning Range
±8.0
±12.0
±20.0
ppm
Linearity
20
%
Tuning Slope
Positive
Control Voltage Range (nominal
frequency to occur at Typ ± 0.5V)
0.3
0.5
1.65
2.5
3.0
4.5
VDC
VDC
with Vs=3.3VDC
with Vs=5.0VDC
Freq. control input impedance
10
kohm
Additional Parameters1
Phase Noise3 (Stratum 3 TCXO @12.8 MHz)
-115
-130
-140
dBc/Hz
dBc/Hz
dBc/Hz
100 Hz
1 kHz
10 kHz
Allan Variance
1
ppb
Tau= 1 sec
Weight
9.0
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings
Supply voltage (Vs)
6
V
Control Voltage
6
V
Maximum output load @ CMOS
40
pF
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C


Similar Part No. - TX-2800-DAP-807

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TX-2-5-1 MINI-TX-2-5-1 Datasheet
228Kb / 1P
   RF Transformer
TX-2-5-1++ MINI-TX-2-5-1+ Datasheet
228Kb / 1P
   RF Transformer
logo
SYNERGY MICROWAVE CORPO...
TX-204 SYNERGY-TX-204 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TX-205 SYNERGY-TX-205 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TX-206 SYNERGY-TX-206 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
More results

Similar Description - TX-2800-DAP-807

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5