Electronic Components Datasheet Search |
|
VC-801-HAE-F Datasheet(PDF) 2 Page - Vectron International, Inc |
|
VC-801-HAE-F Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 8 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Page2 Performance Specifications Table 1. Electrical Performance, 5V Option Parameter Symbol Min Typical Maximum Units Supply Voltage1 V DD 4.5 5.0 5.5 V Max Voltage -0.7 7 V Current2 ≤20.000MHz 20.001 to 50.000MHz 50.001 to 75.000MHz I DD 10 30 40 mA Current, Output Disabled 30 uA Frequency Nominal Frequency3 f N 1.544 75.000 MHz Stability4, (Ordering Option) ±20, ±25, ±32, ±50, ±100 ppm Outputs Output Logic Levels2 Output Logic High Output Logic Low Output Logic High Drive Output Logic Low Drive V OH V OL I OH I OL 0.9*V DD 16 16 0.1*V DD V V mA mA Load I OUT 15 pF Output Rise /Fall Time2 <20.000MHz 20.000 to 50.000MHz 50.001 to 75.000MHz t R /t F 8 5 2 ns Output Leakage, Output Disabled I Z ±10 uA Duty Cycle2,5 45 50 55 % Period Jitter6 RMS Peak-Peak фJ 3.0 21 ps RMS Jitter, 12k-20MHz фJ 0.5 1 ps Enable/Disable Output Enable/Disable7 Output Enable Output Disable V IH V IL 4.0 0.8 V V Disable time t D 100 ns Enable Internal Pull-Up Resistor 100 Kohm Start-Up Time t SU 8ms Operating Temp, (Ordering Option) T OP -10/70 or -40/85 °C The power supply should have by-pass capacitors as close to the supply and to ground as possible, for example 0.1 and 0.01uF. 1] Parameters are tested with production test circuit below , Figure 1. 2] See Standard Frequencies and Ordering Information tables for more specific information. 3] Includes initial accuracy, operating temperature, supply voltage, shock and vibration (not under operation) and aging for 50 and 100ppm options. 4] Duty Cycle is measured as On Time/Period (Fig 2). 5] Broadband Period Jitter measured using Wavecrest SIA3300C, 90K samples, see Application Note for Typical Phase Noise and Jitter Performance. 6] The Output is Enabled if the Enable/Disable is left open. 7] I DD V DD 15pF 4 12 3 .1μF .01μF + + t R t F V OH V OL 50% On Time Period Fig 2: Waveform Fig 1: Test Circuit Specifications |
Similar Part No. - VC-801-HAE-F |
|
Similar Description - VC-801-HAE-F |