Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX-2001-EAE-508 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # OX-2001-EAE-508
Description  Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-2001-EAE-508 Datasheet(HTML) 4 Page - Vectron International, Inc

  OX-2001-EAE-508 Datasheet HTML 1Page - Vectron International, Inc OX-2001-EAE-508 Datasheet HTML 2Page - Vectron International, Inc OX-2001-EAE-508 Datasheet HTML 3Page - Vectron International, Inc OX-2001-EAE-508 Datasheet HTML 4Page - Vectron International, Inc OX-2001-EAE-508 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 4 of 5
Standard Shipping Method (OX-301)
Enclosure Type
Tape Width W (mm)
Quantity per meter
Quantity per reel
Dimension P
Typ OX-401
44
37.5
280
32
Recommended Reflow Profile
Profile Feature
Pb-Free Assembly/
Sn-Pb Assembly
Profile Feature
Pb-Free Assembly/
Sn-Pb Assembly
Average ramp-up rate (T
L
to T
P
)
3°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Preheat
-Temperature Min T
Smin
-Temperature Min T
Smax
-Time (min to max) t
S
150°C
200°C
60-180 seconds
Time maintained above
-Temperature (T
L
)
-Time (t
L
)
217°C
60-150 seconds
TSmax to TL -Ramp-up Rate
3°C/second max
Time maintained above
-Temperature (T
L
)
-Time (t
L
)
217°C
60-150 seconds
Time within 5°C of actual Peak
Temperature (t
P
)
20-40 seconds
Peak Temperature (T
P
)
max 260°C
Ramp-down Rate
6°C/ second max
Note: All temperatures refer to topside of the package, measured on the package body surface.
*bei W
≤ 24 mm nur untere Lochreihe
∗by W ≤ 24 mm only lower hole line
Gurtoberseite
Tape upper side
Gurtunterseite
Tape buttom side
Abwickelrichtung
Unwinding direction
Lage im Gurt
Position in tape
Pin 1
A
X
P
B
K


Similar Part No. - OX-2001-EAE-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-200 VECTRON-OX-200 Datasheet
191Kb / 5P
   Oven Controlled Crystal Oscillator
OX-200 VECTRON-OX-200_14 Datasheet
559Kb / 5P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-2001-EAE-508

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com