Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-1910-EEP-287 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TX-1910-EEP-287
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-1910-EEP-287 Datasheet(HTML) 5 Page - Vectron International, Inc

  TX-1910-EEP-287 Datasheet HTML 1Page - Vectron International, Inc TX-1910-EEP-287 Datasheet HTML 2Page - Vectron International, Inc TX-1910-EEP-287 Datasheet HTML 3Page - Vectron International, Inc TX-1910-EEP-287 Datasheet HTML 4Page - Vectron International, Inc TX-1910-EEP-287 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
TX - 191 0 - D A J - 807
0 - 10M0000000
Product Family
TX: TCXO
Package
25 x 30 mm
Height
0: C6.8mm
Supply Voltage
D: 5 Vdc
E: 3.3 Vdc
Stability Code
807: ±0.8ppm
287: ±0.28ppm
466: ±4.6ppm Stratum3
Frequency
Tuning Option
0: No Tuning
1: Electrical Adjust (EFC)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 2/19/2009 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
RF Output Code
A: HCMOS
C: PECL
E: Sinewave
Temperature Range
E: -40°C to +85°C
H: -30°C to +85°C
J: -20°C to +70°C
P: 0°C to +50°C
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.


Similar Part No. - TX-1910-EEP-287

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-191 VECTRON-TX-191 Datasheet
429Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-191 VECTRON-TX-191_10 Datasheet
429Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-1910-EEP-287

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com