Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-7011-DAE-305 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VX-7011-DAE-305
Description  Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-7011-DAE-305 Datasheet(HTML) 4 Page - Vectron International, Inc

  VX-7011-DAE-305 Datasheet HTML 1Page - Vectron International, Inc VX-7011-DAE-305 Datasheet HTML 2Page - Vectron International, Inc VX-7011-DAE-305 Datasheet HTML 3Page - Vectron International, Inc VX-7011-DAE-305 Datasheet HTML 4Page - Vectron International, Inc VX-7011-DAE-305 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 4 of 5
Standard Shipping Method
Phase Noise
VX-701 @ 52 MHz HCMOS
Phase Noise
VX-701 @ 155.52 MHz LVPECL
Recommended Reflow Profile
Profile Feature
Pb-Free Assembly/
Sn-Pb Assembly
Profile Feature
Pb-Free Assembly/
Sn-Pb Assembly
Average ramp-up rate (T
L
to T
P
)
3°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Preheat
-Temperature Min T
Smin
-Temperature Min T
Smax
-Time (min to max) t
S
150°C
200°C
60-180 seconds
Time maintained above
-Temperature (T
L
)
-Time (t
L
)
217°C
60-150 seconds
TSmax to TL -Ramp-up Rate
3°C/second max
Time maintained above
-Temperature (T
L
)
-Time (t
L
)
217°C
60-150 seconds
Time within 5°C of actual Peak
Temperature (t
P
)
20-40 seconds
Peak Temperature (T
P
)
max 260°C
Ramp-down Rate
6°C/ second max
Note: All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - VX-7011-DAE-305

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-701 VECTRON-VX-701_12 Datasheet
367Kb / 5P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-7011-DAE-305

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com