Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCXO-501-EAE-206 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # TCXO-501-EAE-206
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TCXO-501-EAE-206 Datasheet(HTML) 6 Page - Vectron International, Inc

  TCXO-501-EAE-206 Datasheet HTML 1Page - Vectron International, Inc TCXO-501-EAE-206 Datasheet HTML 2Page - Vectron International, Inc TCXO-501-EAE-206 Datasheet HTML 3Page - Vectron International, Inc TCXO-501-EAE-206 Datasheet HTML 4Page - Vectron International, Inc TCXO-501-EAE-206 Datasheet HTML 5Page - Vectron International, Inc TCXO-501-EAE-206 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6
Table 7. Standard Frequencies (MHz)
8.750
9.83040
10.000
10.230
11.000
12.28880
12.3520
12.500
12.800
13.000
14.318180
14.400
15.360
16.3840
16.800
18.4140
19.200
19.440
19.6608
19.680
20.000
21.400
24.9770
25.1658240
25.600
26.880
27.000
30.080
30.720
32.000
32.7680
37.800
38.400
44.000
44.7360
46.000
46.080
48.000
50.000
56.000
61.440
62.880
Ordering Information
Example: VT-501-EAG-206A-19M2000000
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 01/10/2009
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
VT-501- E A G - 206 A - xxMxxxxxxx
Product
TCXO
Voltage Options
D: +5.0 Vdc ±5%
E: +3.3 Vdc ±5%
Output
A: CMOS
Stability
106: ±1ppm
156: ±1.5ppm
206: ±2.0ppm
256: ±2.5ppm
306: ±3.0ppm
356: ±3.5ppm
406: ±4.0ppm
506: ±5.0ppm
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
R: 0 /55°C
K: -10/60°C
J: -20/70°C
G: -30/80°C
E: -40/85°C
Tuning
0: Fixed, No tuning
A: ±5ppm
B: ±8ppm
C: ±10ppm
D: ±12ppm
E ±15ppm
Package
9.9x11.8 FR4


Similar Part No. - TCXO-501-EAE-206

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-145CB KSS-TCXO-145CB Datasheet
165Kb / 1P
   Temperature Compensated Crystal Oscillator
TCXO-155 KSS-TCXO-155 Datasheet
136Kb / 1P
   Analog signal processing temperature compensated crystal oscillator
TCXO-155CB KSS-TCXO-155CB Datasheet
136Kb / 1P
   Analog signal processing temperature compensated crystal oscillator
TCXO-158D KSS-TCXO-158D Datasheet
138Kb / 1P
   Analog signal processing temperature compensated crystal oscillator
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
More results

Similar Description - TCXO-501-EAE-206

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com