Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXCO-5000-DCT-G Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VXCO-5000-DCT-G
Description  Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXCO-5000-DCT-G Datasheet(HTML) 1 Page - Vectron International, Inc

  VXCO-5000-DCT-G Datasheet HTML 1Page - Vectron International, Inc VXCO-5000-DCT-G Datasheet HTML 2Page - Vectron International, Inc VXCO-5000-DCT-G Datasheet HTML 3Page - Vectron International, Inc VXCO-5000-DCT-G Datasheet HTML 4Page - Vectron International, Inc VXCO-5000-DCT-G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VX-500
Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
9X14 J Leaded Surface Mount Package
Re ow Process Compatible Optional
ACMOS, TTL and LVPECL
Frequency Range: 1 MHZ to 800 MHZ
Previous Model: C5300, MC044, MC344, MC046, MC346,
MC047, MC347, MC049, MC349, MC048, MC318, MC328,
and MC348
Base Stations
Test Equipment
Telecom & Wireless Infrastructure
Digital Switching
Features
Applications
VX-500
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(absolute pull range)
-40… +85°C
0… +70°C
vs. supply voltage change
-2
+2
ppm
Vs ± 5%
vs. load change
-1
+1
ppm
Load ± 5%
vs aging / 1 year
-5
±3
+5
ppm
vs aging / year (following years)
-1
+1
ppm
Supply Voltage (Vs)
Supply voltage
4.75
5.0
5.25
VDC
Current consumption
15
20
40
100
mA
mA
mA
mA
ACMOS/TTL 1 to 23.9 MHz
ACMOS/TTL 24 to 49.9 MHz
ACMOS/TTL 50 to 80.0 MHz
LVPECL No load
Supply voltage
3.135
3.3
3.465
VDC
Current consumption
6
8
12
16
60
100
mA
mA
mA
mA
mA
mA
ACMOS 1.0 to 14.90 MHz
ACMOS 15.0 TO 39.9 MHz
ACMOS 40.0 TO 59.9 MHz
ACMOS 60.0 TO 79.9 MHz
ACMOS 80.0 to 125.0 MHz
LVPECL No load
Performance Speci cations


Similar Part No. - VXCO-5000-DCT-G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXCO-2600-AEA-G VECTRON-VXCO-2600-AEA-G Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-J VECTRON-VXCO-2600-AEA-J Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-K VECTRON-VXCO-2600-AEA-K Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-M VECTRON-VXCO-2600-AEA-M Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VXCO-2600-AEA-S VECTRON-VXCO-2600-AEA-S Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VXCO-5000-DCT-G

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com