Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCXO-800-EFK-156 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TCXO-800-EFK-156
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TCXO-800-EFK-156 Datasheet(HTML) 3 Page - Vectron International, Inc

  TCXO-800-EFK-156 Datasheet HTML 1Page - Vectron International, Inc TCXO-800-EFK-156 Datasheet HTML 2Page - Vectron International, Inc TCXO-800-EFK-156 Datasheet HTML 3Page - Vectron International, Inc TCXO-800-EFK-156 Datasheet HTML 4Page - Vectron International, Inc TCXO-800-EFK-156 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page3
VCXO Feature: The VT-800 can be ordered with a VCXO function for applications were it will be used in a PLL, or the output
frequency needs fine tune or calibration adjustments. This is a high impedance input , 1Mohm, and can be driven with an op-amp
or terminated with adjustable resistors etc. Pin 1 should not be left floating on the VCXO optional device.
“No Adjust” Option: In applications were the VT-800 will not be used in a PLL , or the output frequency does not need fine tune
adjustments, the best device to use would be a VT-800-xxx-xxx0. By using the “no adjust” option, the circuit is simplified as Vc
does not need to be adjusted or set to a predetermined voltage and pin 1 should be grounded (pin 1 can be left open but should
not be set to a voltage such as an RF signal or power supply voltage.
VCXO Function
Clipped Sine Wave Output
Phase Noise for a Clipped Sinewave Output
Maximum Ratings
Absolute Maximum Ratings and Handling Precautions
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or any other
excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended
periods may adversely affect device reliability.
Although ESD protection circuitry has been designed into the VT-800, proper precautions should be taken when handling and mounting,
VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation.
ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been adopted for
the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for comparison purposes.
Table 3. Maximum Ratings
Parameter
Symbol
Rating
Unit
Storage Temperature
T
STORE
-55/125
ºC
Supply Voltage
V
DD
6V
Control Voltage
V
C
0/V
DD
V
ESD, Human Body Model
1500
V
ESD, Charged Device Model
1000
V


Similar Part No. - TCXO-800-EFK-156

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TCXO-820-EFG-106 VECTRON-TCXO-820-EFG-106 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-156 VECTRON-TCXO-820-EFG-156 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-206 VECTRON-TCXO-820-EFG-206 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-256 VECTRON-TCXO-820-EFG-256 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
TCXO-820-EFG-306 VECTRON-TCXO-820-EFG-306 Datasheet
218Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TCXO-800-EFK-156

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com