Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-702-EDJ-SDB Datasheet(PDF) 7 Page - Vectron International, Inc

Part # PS-702-EDJ-SDB
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-702-EDJ-SDB Datasheet(HTML) 7 Page - Vectron International, Inc

  PS-702-EDJ-SDB Datasheet HTML 1Page - Vectron International, Inc PS-702-EDJ-SDB Datasheet HTML 2Page - Vectron International, Inc PS-702-EDJ-SDB Datasheet HTML 3Page - Vectron International, Inc PS-702-EDJ-SDB Datasheet HTML 4Page - Vectron International, Inc PS-702-EDJ-SDB Datasheet HTML 5Page - Vectron International, Inc PS-702-EDJ-SDB Datasheet HTML 6Page - Vectron International, Inc PS-702-EDJ-SDB Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Standard Output Frequencies (MHz)
155M520000
156M250000
160M000000
162M000000
175M000000
187M500000
200M000000
212M500000
240M000000
245M760000
250M000000
260M000000
268M800000
300M000000
311M040000
312M500000
320M000000
324M000000
350M000000
375M000000
384M000000
389M600000
400M000000
480M000000
491M520000
500M000000
531M250000
532M000000
533M000000
537M600000
622M080000
625M000000
635M040000
637M500000
640M000000
644M531300
657M421900
666M514300
669M326600
672M162700
690M569200
693M483000
704M380600
707M352700
720M000000
742M434700
768M000000
796M875000
800M000000
901M120000
1000M00000
Frequencies not shown are available upon request.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page7 of 7
Rev: 08May2009
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
PS - 702 - E C E - K A A N - xxxMxxxxxx
Product Family
PS: SO - SAW Oscillator
Package
702: 5 x 7.5 x 2.0 mm
6 Pad Ceramic SMD
Input
E: 3.3 Vdc ±10%
Output
C: LV-PECL (45/55% Symmetry)
D: LVDS (45/55% Symmetry)
Operating Temperature
T: 0°C to 70°C
J: -20°C to 70°C
E: -40 to 85 °C
Frequency (See Above)
150 - 1000 MHz
Enable/Disbale Pin
A: Pin 1
B: Pin 2
Enable/Disable
A: Enable High, Tristate
B: Enable High, Fixed Logic Level
C: Enable Low, Tristate
D: Enable Low, Fixed Logic Level
Stability
K: ± 50 ppm maximum
S: ± 100 ppm maximum
*Not all combinations are possible
Future Use


Similar Part No. - PS-702-EDJ-SDB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - PS-702-EDJ-SDB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com